Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP249GS Datasheet(PDF) 12 Page - Analog Devices

Part # OP249GS
Description  Dual, Precision JFET High Speed Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP249GS Datasheet(HTML) 12 Page - Analog Devices

Back Button OP249GS Datasheet HTML 8Page - Analog Devices OP249GS Datasheet HTML 9Page - Analog Devices OP249GS Datasheet HTML 10Page - Analog Devices OP249GS Datasheet HTML 11Page - Analog Devices OP249GS Datasheet HTML 12Page - Analog Devices OP249GS Datasheet HTML 13Page - Analog Devices OP249GS Datasheet HTML 14Page - Analog Devices OP249GS Datasheet HTML 15Page - Analog Devices OP249GS Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
OP249
–12–
REV. C
SETTLING TIME
Settling time is the time between when the input signal begins
to change and when the output permanently enters a prescribed
error band. The error bands on the output are 5 mV and 0.5 mV,
respectively, for 0.1% and 0.01% accuracy.
Figure 46 illustrates the OP249’s typical settling time of 870 ns.
Moreover, problems in settling response, such as thermal tails
and long-term ringing are nonexistent.
10
0%
100
90
500ns
10mV
870ns
Figure 46. Settling Characteristics of the OP249 to 0.01%
REFERENCE
OR VIN
VOUT
1/2
OP249
+15V
–15V
PM7545
DB11 - DB0
12
DATA INPUT
500
C
33pF
75
VDD
0.1 F
0.1 F
OUT1
AGND
VREF
REFERENCE
OR VIN
VOUT
1/2
OP249
+15V
PM7545
DB11 - DB0
12
DATA INPUT
500
C
33pF
75
VDD
0.1 F
OUT1
AGND
VREF
VDD
RFB
1/2
OP249
–15V
0.1 F
R4
20k
1%
R5
10k
1%
R3
10k
1%
0.1 F
DGND
a. Unipolar Operation
b. Bipolar Operation
Figure 47. Fast Settling and Low Offset Error of the OP249 Enhances CMOS DAC Performance
DAC OUTPUT AMPLIFIER
Unity-gain stability, a low offset voltage of 300
µV typical, and a
fast settling time of 870 ns to 0.01%, makes the OP249 an ideal
amplifier for fast digital-to-analog converters.
For CMOS DAC applications, the low offset voltage of the
OP249 results in excellent linearity performance. CMOS DACs,
such as the PM-7545, will typically have a code-dependent
output resistance variation between 11 k
Ω and 33 kΩ. The
change in output resistance, in conjunction with the 11 k
Ω
feedback resistor, will result in a noise gain change. This causes
variations in the offset error, increasing linearity errors. The
OP249 features low offset voltage error, minimizing this effect
and maintaining 12-bit linearity performance over the full-scale
range of the converter.
Since the DAC’s output capacitance appears at the operational
amplifiers inputs, it is essential that the amplifier is adequately
compensated. Compensation will increase the phase margin,
and ensure an optimal overall settling response. The required
lead compensation is achieved with Capacitor C in Figure 47.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com