Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP467GP Datasheet(PDF) 6 Page - Analog Devices

Part # OP467GP
Description  Quad Precision, High Speed Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP467GP Datasheet(HTML) 6 Page - Analog Devices

Back Button OP467GP Datasheet HTML 2Page - Analog Devices OP467GP Datasheet HTML 3Page - Analog Devices OP467GP Datasheet HTML 4Page - Analog Devices OP467GP Datasheet HTML 5Page - Analog Devices OP467GP Datasheet HTML 6Page - Analog Devices OP467GP Datasheet HTML 7Page - Analog Devices OP467GP Datasheet HTML 8Page - Analog Devices OP467GP Datasheet HTML 9Page - Analog Devices OP467GP Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
OP467
REV. C
–6–
12
6
0
10k
10M
1M
100k
1k
4
2
8
10
FREQUENCY – Hz
VS = 5V
TA = +25 C
RL = 2k
AVCL = –1
AVCL = +1
Figure 8. Max VOUT Swing vs. Frequency
120
60
0
10k
10M
1M
100k
1k
40
20
80
100
FREQUENCY – Hz
VS = 15V
TA = +25 C
Figure 9. Common-Mode Rejection vs. Frequency
120
60
0
1k
1M
100k
10k
100
40
20
80
100
FREQUENCY – Hz
VS = 15V
TA = +25 C
Figure 10. Power-Supply Rejection vs. Frequency
60
0
1600
30
10
200
20
0
50
40
1400
1000
800
600
1200
400
LOAD CAPACITANCE – pF
VS = 15V
RL = 2k
VIN = 100mV p-p
AVCL = +1
AVCL = –1
Figure 11. Small Signal Overshoot vs. Load Capacitance
60
0
1600
30
10
200
20
0
50
40
1400
1000
800
600
1200
400
LOAD CAPACITANCE – pF
VS = 5V
RL = 2k
VIN = 100mV p-p
AVCL = +1
AVCL = –1
Figure 12. Small Signal Overshoot vs. Load Capacitance
60
10
–40
10k
100M
10M
1M
100k
20
30
40
50
–30
–20
–10
0
FREQUENCY – Hz
VS = 15V
10000pF
1000pF
500pF
200pF
CIN = NETWORK
ANALYZER
Figure 13. Noninverting Gain vs. Capacitive Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com