Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP467GP Datasheet(PDF) 7 Page - Analog Devices

Part # OP467GP
Description  Quad Precision, High Speed Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP467GP Datasheet(HTML) 7 Page - Analog Devices

Back Button OP467GP Datasheet HTML 3Page - Analog Devices OP467GP Datasheet HTML 4Page - Analog Devices OP467GP Datasheet HTML 5Page - Analog Devices OP467GP Datasheet HTML 6Page - Analog Devices OP467GP Datasheet HTML 7Page - Analog Devices OP467GP Datasheet HTML 8Page - Analog Devices OP467GP Datasheet HTML 9Page - Analog Devices OP467GP Datasheet HTML 10Page - Analog Devices OP467GP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
OP467
REV. C
–7–
0
–50
100
1k
100M
10M
1M
100k
10k
–40
–30
–20
–10
–90
–80
–70
–60
FREQUENCY – Hz
VS = 15V
–100
Figure 14. Channel Separation vs. Frequency
12
6
0
100
11k
10
4
2
8
10
FREQUENCY – Hz
5V
VS
15V
Figure 15. Input Current Noise Density vs. Frequency
100
10
1.0
0.1
1
10k
1k
100
10
FREQUENCY – Hz
Figure 16. Voltage Noise Density vs. Frequency
500
–2
0
0
–1
1
2
400
300
200
100
TIME – ns
VS = 15V
VIN = 5V
CL = 50pF
3
4
–3
–4
Figure 17. Settling Time, Negative Edge
500
–2
0
0
–1
1
2
400
300
200
100
TIME – ns
VS = 15V
VIN = 5V
CL = 50pF
3
4
–3
–4
Figure 18. Settling Time, Positive Edge
20
20
5
0
0
–5
5
10
15
15
10
–20
–10
–15
SUPPLY VOLTAGE – Volts
TA = +25 C
Figure 19. Input Voltage Range vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com