Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP467GP Datasheet(PDF) 4 Page - Analog Devices

Part # OP467GP
Description  Quad Precision, High Speed Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP467GP Datasheet(HTML) 4 Page - Analog Devices

  OP467GP Datasheet HTML 1Page - Analog Devices OP467GP Datasheet HTML 2Page - Analog Devices OP467GP Datasheet HTML 3Page - Analog Devices OP467GP Datasheet HTML 4Page - Analog Devices OP467GP Datasheet HTML 5Page - Analog Devices OP467GP Datasheet HTML 6Page - Analog Devices OP467GP Datasheet HTML 7Page - Analog Devices OP467GP Datasheet HTML 8Page - Analog Devices OP467GP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
OP467
REV. C
–4–
WAFER TEST LIMITS1
Parameter
Symbol
Conditions
Limit
Units
Offset Voltage
VOS
±0.5
mV max
Input Bias Current
IB
VCM = 0 V
600
nA max
Input Offset Current
IOS
VCM = 0 V
100
nA max
Input Voltage Range
2
±12
V min/max
Common-Mode Rejection Ratio
CMRR
VCM =
±12 V
80
dB min
Power Supply Rejection Ratio
PSRR
V =
±4.5 V to ±18 V
96
dB min
Large Signal Voltage Gain
AVO
RL = 2 k
Ω
83
dB min
Output Voltage Range
VO
RL = 2 k
Ω±13.0
V min
Supply Current
ISY
VO = 0 V, RL = ∞
10
mA max
NOTES
1Electrical tests and wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed for standard
product dice. Consult factory to negotiate specifications based on dice lot qualifications through sample lot assembly and testing.
2Guaranteed by CMR test.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Input Voltage
2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Differential Input Voltage
2
. . . . . . . . . . . . . . . . . . . . . .
±26 V
Output Short-Circuit Duration . . . . . . . . . . . . . . . . . . Limited
Storage Temperature Range
Y, RC Packages . . . . . . . . . . . . . . . . . . . . –65
°C to +175°C
P, S Packages . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
OP467A . . . . . . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
OP467G . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Junction Temperature Range
Y, RC Packages . . . . . . . . . . . . . . . . . . . . –65
°C to +175°C
P, S Packages . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . +300
°C
Package Type
A
3
JC
Units
14-Lead Cerdip (Y)
94
10
°C/W
14-Lead Plastic DIP (P)
76
33
°C/W
16-Lead SOL (S)
88
23
°C/W
20-Contact LCC (RC)
78
33
°C/W
NOTES
1Absolute maximum ratings apply to both DICE and packaged parts, unless
otherwise noted.
2For supply voltages less than
±18 V, the absolute maximum input voltage is equal
to the supply voltage.
3
θ
JA is specified for the worst case conditions, i.e., θJA is specified for device in socket
for cerdip, P-DIP, and LCC packages;
θ
JA is specified for device soldered in circuit
board for SOIC package.
ORDERING GUIDE
Temperature
Package
Package
Model
Ranges
Descriptions
Options
OP467AY/883
–55
°C to +125°C 14-Lead Cerdip
Q-14
OP467ARC/883 –55
°C to +125°C 20-Contact LCC
E-20A
OP467GP
–40
°C to +85°C 14-Lead Plastic DIP N-14
OP467GS
–40
°C to +85°C 16-Lead SOL
R-16
OP467GBC
+25
°C
DICE
DICE CHARACTERISTICS
OP467 Die Size 0.111
0.100 inch, 11,100 sq. mils Sub-
strate is Connected to V+, Number of Transistors 165.
( @ VS =
15.0 V, TA = +25 C unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com