Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP467GP Datasheet(PDF) 10 Page - Analog Devices

Part # OP467GP
Description  Quad Precision, High Speed Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP467GP Datasheet(HTML) 10 Page - Analog Devices

Back Button OP467GP Datasheet HTML 6Page - Analog Devices OP467GP Datasheet HTML 7Page - Analog Devices OP467GP Datasheet HTML 8Page - Analog Devices OP467GP Datasheet HTML 9Page - Analog Devices OP467GP Datasheet HTML 10Page - Analog Devices OP467GP Datasheet HTML 11Page - Analog Devices OP467GP Datasheet HTML 12Page - Analog Devices OP467GP Datasheet HTML 13Page - Analog Devices OP467GP Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
OP467
REV. C
–10–
10
–10
400
–4
–8
100
–6
0
2
–2
0
4
6
8
300
200
5
–1
–4
–2
–3
1
–5
0
2
3
4
SETTLING TIME – ns
0.1%
0.01%
0.1%
0.01%
RF = 5k
TA = +25 C
Figure 32. Settling Time vs. Output Step
10
0
20
6
2
5
4
0
8
15
10
SUPPLY VOLTAGE – Volts
TA = +125 C
TA = +25 C
TA = –55 C
Figure 33. Supply Current vs. Supply Voltage
200
0
125
120
40
–50
80
–75
160
100
75
50
25
0
–25
TEMPERATURE – C
VS = 15V
Figure 34. Input Bias Current vs. Temperature
25
0
125
15
5
–50
10
–75
20
100
75
50
25
0
–25
TEMPERATURE – C
VS = 15V
Figure 35. Input Offset Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com