Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP467GP Datasheet(PDF) 9 Page - Analog Devices

Part # OP467GP
Description  Quad Precision, High Speed Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP467GP Datasheet(HTML) 9 Page - Analog Devices

Back Button OP467GP Datasheet HTML 5Page - Analog Devices OP467GP Datasheet HTML 6Page - Analog Devices OP467GP Datasheet HTML 7Page - Analog Devices OP467GP Datasheet HTML 8Page - Analog Devices OP467GP Datasheet HTML 9Page - Analog Devices OP467GP Datasheet HTML 10Page - Analog Devices OP467GP Datasheet HTML 11Page - Analog Devices OP467GP Datasheet HTML 12Page - Analog Devices OP467GP Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
OP467
REV. C
–9–
TC VOS – V/ C
500
0
5.0
300
100
0.5
200
0
400
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
VS = 5V
TA = +25 C
1252
OP AMPS
Figure 26. TC VOS Distribution
60
40
–75
125
55
45
–50
50
75
100
50
25
0
–25
29.0
27.0
28.5
27.5
28.0
TEMPERATURE – C
GBW
M
VS = 15V
RL = 2k
Figure 27. Phase Margin and Gain Bandwidth vs.
Temperature
400
0
125
100
50
–50
–75
200
150
250
300
350
100
75
50
25
0
–25
TEMPERATURE – C
+SR
–SR
VS = 5V
RL = 2k
AVCL = –1
Figure 28. Slew Rate vs. Temperature
400
0
125
100
50
–50
–75
200
150
250
300
350
100
75
50
25
0
–25
TEMPERATURE – C
–SR
+SR
VS = 5V
RL = 2k
AVCL = +1
Figure 29. Slew Rate vs. Temperature
650
250
125
350
300
–50
–75
450
400
500
550
600
100
75
50
25
0
–25
TEMPERATURE – C
VS = 15V
RL = 2k
AVCL = –1
+SR
–SR
Figure 30. Slew Rate vs. Temperature
400
0
125
100
50
–50
–75
200
150
250
300
350
100
75
50
25
0
–25
TEMPERATURE – C
VS = 15V
RL = 2k
AVCL = +1
+SR
–SR
Figure 31. Slew Rate vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com