Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBR911 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MMBR911
Description  NPN Silicon High-Frequency Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMBR911 Datasheet(HTML) 4 Page - Motorola, Inc

  MMBR911 Datasheet HTML 1Page - Motorola, Inc MMBR911 Datasheet HTML 2Page - Motorola, Inc MMBR911 Datasheet HTML 3Page - Motorola, Inc MMBR911 Datasheet HTML 4Page - Motorola, Inc MMBR911 Datasheet HTML 5Page - Motorola, Inc MMBR911 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MMBR911LT1
4
MOTOROLA RF DEVICE DATA
+j50
+j100
+j150
+j250
+j500
– j500
– j250
– j150
– j100
– j50
– j25
– j10
0
+j10
+j25
+90
°
+120
°
+150
°
180
°
0
°
–150
°
–120
°
–90
°
–60
°
–30
°
+30
°
+60
°
2
1
1.5
0.5
S11
1
0.5
2
1.5
S22
25
10
50
100
250 500
150
S21
2
S12
2
0.5
1
0.5
1.5
S12
S21
16 14 12 10 8 6 4 2
0.2
0.1
0.3
0.4
1
f = 0.2 GHz
f = 0.2 GHz
f = 0.2 GHz
f = 0.2 GHz
Figure 8. Input and Output Reflection
Coefficients versus Frequency
VCE = 10 V, IC = 30 mA
Figure 9. Forward and Reverse Transmission
Coefficients versus Frequency
VCE = 10 V, IC = 30 mA
VCE
IC
f
S11
S21
S12
S22
VCE
(Volts)
IC
(mA)
f
(MHz)
|S11|
∠ φ
|S21|
∠ φ
|S12|
∠ φ
|S22|
∠ φ
10
2.0
200
500
1000
1500
2000
0.82
0.60
0.47
0.46
0.47
–45 –
–96 –
– 149–
– 179–
162
4.14
3.23
2.16
1.59
1.35
145
112
85
71
57
0.06
0.09
0.11
0.13
0.16
66
49
49
55
62
0.88
0.71
0.62
0.58
0.56
–16
–27
–34
–43
–51
5.0
200
500
1000
1500
2000
0.66
0.43
0.37
0.38
0.40
–63–
–117–
– 163–
176
160
8.63
5.29
3.05
2.17
1.81
134
100
82
70
57
0.05
0.07
0.11
0.15
0.19
64
58
63
65
65
0.75
0.55
0.48
0.45
0.43
–25
–31
–36
–44
–51
10
200
500
1000
1500
2000
0.49
0.33
0.32
0.35
0.37
–83 –
– 134–
– 171–
173
159
12.70
6.42
3.53
2.46
2.04
124
94
80
69
58
0.04
0.07
0.12
0.16
0.20
65
66
70
69
66
0.62
0.44
0.41
0.38
0.35
–30
–32
–36
–45
–52
20
200
500
1000
1500
2000
0.36
0.28
0.29
0.33
0.36
– 103–
– 149–
– 176–
172
158
15.25
6.95
3.73
2.60
2.14
114
90
78
68
58
0.03
0.06
0.12
0.17
0.21
69
72
73
71
67
0.52
0.39
0.37
0.34
0.32
–32
–30
–35
–43
–52
30
200
500
1000
1500
2000
0.32
0.27
0.29
0.34
0.37
–114–
– 156–
– 178–
170
156
15.64
6.92
3.71
2.58
2.13
109
88
78
68
57
0.03
0.06
0.12
0.16
0.21
71
73
74
72
68
0.48
0.38
0.37
0.34
0.32
–29
–27
–33
–44
–51
Table 1. Common Emitter S–Parameters



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com