Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBR911 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MMBR911
Description  NPN Silicon High-Frequency Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMBR911 Datasheet(HTML) 3 Page - Motorola, Inc

  MMBR911 Datasheet HTML 1Page - Motorola, Inc MMBR911 Datasheet HTML 2Page - Motorola, Inc MMBR911 Datasheet HTML 3Page - Motorola, Inc MMBR911 Datasheet HTML 4Page - Motorola, Inc MMBR911 Datasheet HTML 5Page - Motorola, Inc MMBR911 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
MMBR911LT1
MOTOROLA RF DEVICE DATA
Figure 2. Input Capacitance versus
Base–Emitter Voltage
2.5
0
VBE, BASE–EMITTER VOLTAGE (Vdc)
2
1.5
1
0.5
0
12
3
Cib
f = 1 MHz
Vcb, COLLECTOR–BASE VOLTAGE (Vdc)
2.5
0
2
1.5
1
0.5
0
12
3
4
56
7
8
9
10
Cob
Ccb
f = 1 MHz
0
IC, COLLECTOR CURRENT (mA)
20
16
12
8
4
0
10
20
30
f = 500 MHz
VCE = 10 V
Figure 3. Output Capacitances versus
Collector–Base Voltage
Figure 4. Gain at Noise Figure versus
Collector Current
1 GHz
Figure 5. Noise Figure versus Collector Current
0
IC, COLLECTOR CURRENT (mA)
5
4
3
2
0
10
20
30
VCE = 10 V
f = 1 GHz
500 MHz
0.2
f, FREQUENCY (GHz)
25
20
15
10
5
0
0.3
0.5
1
1.5
2
5
4
3
2
1
0
VCE = 10 V
IC = 10 mA
GNF
NF
25
0.2
f, FREQUENCY (GHz)
20
15
10
5
0.3
0.5
1
2
30
1.5
VCE = 10 V
IC = 30 mA
GUMAX
|S21|2
Figure 6. Gain at Noise Figure and Noise
Figure versus Frequency
Figure 7. Maximum Unilateral Gain and
Insertion Gain versus Frequency



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com