Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBR911 Datasheet (PDF) - Motorola, Inc

MMBR911 Datasheet PDF - Motorola, Inc
Part # MMBR911
Download  MMBR911 Download
File Size   78.84 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description NPN Silicon High-Frequency Transistor

MMBR911 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBR911 Datasheet PDF - Motorola, Inc

Part # MMBR911
Download  MMBR911 Click to download

File Size   78.84 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description NPN Silicon High-Frequency Transistor

MMBR911 Datasheet (HTML) - Motorola, Inc


MMBR911 Product details

The RF Line
NPN Silicon High-Frequency Transistor

Designed for low noise, wide dynamic range front–end amplifiers and low–noise VCO’s. Available in a surface–mountable plastic package. This Motorola small–signal plastic transistor offers superior quality and performance at low cost.

• High Gain–Bandwidth Product
   fT = 7.0 GHz (Typ) @ 30 mA
• Low Noise Figure
   NF = 1.7 dB (Typ) @ 500 MHz
• High Gain
   GNF = 17 dB (Typ) @ 10 mA/500 MHz
• State–of–the–Art Technology
   Fine Line Geometry
   Ion–Implanted Arsenic Emitters
   Gold Top Metallization and Wires
   Silicon Nitride Passivation
• Available in tape and reel packaging options:
   T1 suffix = 3,000 units per reel




Similar Part No. - MMBR911

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
MMBR911 FOSHAN-MMBR911 Datasheet
706Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
logo
New Jersey Semi-Conduct...
MMBR911L NJSEMI-MMBR911L Datasheet
82Kb / 2P
Silicon NPN RF Transistor
logo
Inchange Semiconductor ...
MMBR911L ISC-MMBR911L Datasheet
179Kb / 5P
isc Silicon NPN RF Transistor
logo
Advanced Power Technolo...
MMBR911LT1 ADPOW-MMBR911LT1 Datasheet
148Kb / 6P
NPN SILICON LOW NOISE, HIGH-FREQUENCY TRANSISTOR
MMBR911LT1G ADPOW-MMBR911LT1G Datasheet
148Kb / 6P
NPN SILICON LOW NOISE, HIGH-FREQUENCY TRANSISTOR
More results


Similar Description - MMBR911

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
LT1001A ASI-LT1001A Datasheet
13Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
REV. A
logo
NEC
NE662M16 NEC-NE662M16 Datasheet
63Kb / 9P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE696M01 ETC-NE696M01 Datasheet
105Kb / 6P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
UPA810T CEL-UPA810T Datasheet
207Kb / 3P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
MRF586 ASI-MRF586 Datasheet
17Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6376 NJSEMI-2N6376 Datasheet
117Kb / 1P
NPN SILICON HIGH-FREQUENCY TRANSISTOR
logo
California Eastern Labs
UPA801T CEL-UPA801T_09 Datasheet
462Kb / 7P
NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA802T CEL-UPA802T_09 Datasheet
606Kb / 9P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Central Semiconductor C...
CM5943 CENTRAL-CM5943_15 Datasheet
97Kb / 2P
NPN SILICON HIGH FREQUENCY TRANSISTOR
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com