Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBR911 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MMBR911
Description  NPN Silicon High-Frequency Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMBR911 Datasheet(HTML) 1 Page - Motorola, Inc

  MMBR911 Datasheet HTML 1Page - Motorola, Inc MMBR911 Datasheet HTML 2Page - Motorola, Inc MMBR911 Datasheet HTML 3Page - Motorola, Inc MMBR911 Datasheet HTML 4Page - Motorola, Inc MMBR911 Datasheet HTML 5Page - Motorola, Inc MMBR911 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
MMBR911LT1
MOTOROLA RF DEVICE DATA
The RF Line
NPN Silicon
High-Frequency Transistor
Designed for low noise, wide dynamic range front–end amplifiers and
low–noise VCO’s. Available in a surface–mountable plastic package. This
Motorola small–signal plastic transistor offers superior quality and performance
at low cost.
• High Gain–Bandwidth Product
fT = 7.0 GHz (Typ) @ 30 mA
• Low Noise Figure
NF = 1.7 dB (Typ) @ 500 MHz
• High Gain
GNF = 17 dB (Typ) @ 10 mA/500 MHz
• State–of–the–Art Technology
Fine Line Geometry
Ion–Implanted Arsenic Emitters
Gold Top Metallization and Wires
Silicon Nitride Passivation
• Available in tape and reel packaging options:
T1 suffix = 3,000 units per reel
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
12
Vdc
Collector–Base Voltage
VCBO
20
Vdc
Emitter–Base Voltage
VEBO
2.0
Vdc
Collector Current — Continuous
IC
60
mA
Power Dissipation @ Tcase = 75°C (1)
Derate linearly above Tcase = 75°C
PD(max)
333
4.44
mW
mW/
°C
Storage Temperature
Tstg
– 55 to +150
°C
Maximum Junction Temperature
TJmax
150
°C
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Resistance, Junction to Case
R
θJC
225
°C/W
DEVICE MARKING
MMBR911LT1 = 7P
NOTE:
1. Case temperature measured on collector lead immediately adjacent to body of package.
Order this document
by MMBR911LT1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MMBR911LT1
IC = 60 mA
LOW NOISE
HIGH–FREQUENCY
TRANSISTOR
NPN SILICON
CASE 318–08, STYLE 6
SOT–23
LOW PROFILE
© Motorola, Inc. 1997
REV 8


Similar Part No. - MMBR911

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
MMBR911 FOSHAN-MMBR911 Datasheet
706Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
logo
New Jersey Semi-Conduct...
MMBR911L NJSEMI-MMBR911L Datasheet
82Kb / 2P
Silicon NPN RF Transistor
logo
Inchange Semiconductor ...
MMBR911L ISC-MMBR911L Datasheet
179Kb / 5P
isc Silicon NPN RF Transistor
logo
Advanced Power Technolo...
MMBR911LT1 ADPOW-MMBR911LT1 Datasheet
148Kb / 6P
NPN SILICON LOW NOISE, HIGH-FREQUENCY TRANSISTOR
MMBR911LT1G ADPOW-MMBR911LT1G Datasheet
148Kb / 6P
NPN SILICON LOW NOISE, HIGH-FREQUENCY TRANSISTOR
More results

Similar Description - MMBR911

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
LT1001A ASI-LT1001A Datasheet
13Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
REV. A
logo
NEC
NE662M16 NEC-NE662M16 Datasheet
63Kb / 9P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE696M01 ETC-NE696M01 Datasheet
105Kb / 6P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
UPA810T CEL-UPA810T Datasheet
207Kb / 3P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
MRF586 ASI-MRF586 Datasheet
17Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6376 NJSEMI-2N6376 Datasheet
117Kb / 1P
NPN SILICON HIGH-FREQUENCY TRANSISTOR
logo
California Eastern Labs
UPA801T CEL-UPA801T_09 Datasheet
462Kb / 7P
NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA802T CEL-UPA802T_09 Datasheet
606Kb / 9P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Central Semiconductor C...
CM5943 CENTRAL-CM5943_15 Datasheet
97Kb / 2P
NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com