Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBR911 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MMBR911
Description  NPN Silicon High-Frequency Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMBR911 Datasheet(HTML) 2 Page - Motorola, Inc

  MMBR911 Datasheet HTML 1Page - Motorola, Inc MMBR911 Datasheet HTML 2Page - Motorola, Inc MMBR911 Datasheet HTML 3Page - Motorola, Inc MMBR911 Datasheet HTML 4Page - Motorola, Inc MMBR911 Datasheet HTML 5Page - Motorola, Inc MMBR911 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MMBR911LT1
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC = 1.0 mA, IB = 0)
V(BR)CEO
12
—
—
Vdc
Collector–Base Breakdown Voltage
(IC = 0.1 mA, IE = 0)
V(BR)CBO
20
—
—
Vdc
Emitter–Base Breakdown Voltage
(IE = 0.1 mA, IC = 0)
V(BR)EBO
2.0
—
—
Vdc
Collector Cutoff Current
(VCB = 15 Vdc, IE = 0)
ICBO
—
—
50
nAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 30 mAdc, VCE = 10 Vdc)
hFE
30
—
200
—
DYNAMIC CHARACTERISTICS
Collector–Base Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Ccb
—
—
1.0
pF
Current Gain–Bandwidth Product
(VCE = 10 Vdc, IC = 30 mAdc, f = 1.0 GHz)
fT
—
6.0
—
GHz
FUNCTIONAL TESTS
Gain @ Noise Figure
(IC = 10 mAdc, VCE = 10 Vdc)
f = 0.5 GHz
f = 1.0 GHz
GNF
—
—
17
11
—
—
dB
Noise Figure
(IC = 10 mAdc, VCE = 10 Vdc)
f = 0.5 GHz
f = 1.0 GHz
NF
—
—
2.0
2.9
—
—
dB
Figure 1. Current Gain–Bandwidth versus
Collector Current @ 1.0 GHz
10
8
6
4
2
0
IC, COLLECTOR CURRENT (mA)
010
20
30
40
VCE = 10 V
f = 1 GHz
50



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com