Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5902-IPM Datasheet(PDF) 8 Page - Linear Technology

Part # LTP5902-IPM
Description  2.4 GHz 802.15.4 EternaTM Mote Modules
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5902-IPM Datasheet(HTML) 8 Page - Linear Technology

Back Button LTP5902-IPM Datasheet HTML 4Page - Linear Technology LTP5902-IPM Datasheet HTML 5Page - Linear Technology LTP5902-IPM Datasheet HTML 6Page - Linear Technology LTP5902-IPM Datasheet HTML 7Page - Linear Technology LTP5902-IPM Datasheet HTML 8Page - Linear Technology LTP5902-IPM Datasheet HTML 9Page - Linear Technology LTP5902-IPM Datasheet HTML 10Page - Linear Technology LTP5902-IPM Datasheet HTML 11Page - Linear Technology LTP5902-IPM Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
A d v a nce d I n fo rm a t i o n
8
Linear Technology / Dust Networks
Eterna Datasheet
Figure 6
UART Mode 4 Transmit Flow Control
For details on the timing of the UART protocol, see section 8.9 (UART AC Characteristics).
2.5.3
CLI UART
The Command Line Interface (CLI) UART port is a two wire protocol (TX and RX) that operates at a fixed 9600 baud rate
with one-stop bit and no parity. The CLI UART interface is intended to support command-line instructions and response
activity.
2.6
Autonomous MAC
Eterna was designed as a system solution with the objective of providing a reliable, ultra-low power, and secure network. A
reliable network capable of dynamically optimizing operation over changing environments requires solutions that are far too
complex to completely support through hardware acceleration alone. As described in Section 2.2, proper time management is
essential for optimizing a solution that is both low power and reliable. To address this solution Eterna includes the
Autonomous MAC, which includes hardware support for controlling all of the time-critical radio operations. The
Autonomous MAC provides two benefits: first, preventing variable software latency from affecting network timing and
second, greatly reducing system power consumption by allowing the CPU to remain inactive during the majority of the radio
activity. The Autonomous MAC, unique to Eterna, provides software-independent timing control of the radio and radio-
related functions, resulting in superior reliability and exceptionally low power.
2.7
Security
Network security is an often overlooked component of a complete network solution. Proper implementation of security
protocols is significant in terms of both engineering effort and market value in an OEM product. Eterna system solutions
provide a FIPS-197 validated encryption scheme, and goes further, providing a complete set of mechanisms to protect
network security. Eterna includes hardware support for electronically locking devices, thereby preventing access to Eterna’s
flash and RAM memory. This lock-out feature provides a means to securely unlock a device should support of a product
require access. For details see 040-0109 Design Specific Configuration Guide.
2.8
Temperature Sensor
Eterna includes a calibrated temperature sensor on chip. The temperature readings are available locally through Eterna’s
serial API, in addition to being available via the network manager. The performance characteristics of the temperature sensor
can be found in Section 8.6.
2.8.1
Radio Inhibit
The RADIO_INHIBIT digital interrupt enables an external controller to temporarily disable the radio software drivers (for
example, to take a sensor reading that is susceptible to radio interference). When RADIO_INHIBIT is asserted the software
radio drivers will disallow radio operations including clear channel assessment, packet transmits, or packet receipts. If a radio
event is in progress radio inhibit will take effect after the present operation completes. For details on the timing associated
with RADIO_INHIBIT, see Section 8.12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com