Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5902-IPM Datasheet(PDF) 4 Page - Linear Technology

Part # LTP5902-IPM
Description  2.4 GHz 802.15.4 EternaTM Mote Modules
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5902-IPM Datasheet(HTML) 4 Page - Linear Technology

  LTP5902-IPM Datasheet HTML 1Page - Linear Technology LTP5902-IPM Datasheet HTML 2Page - Linear Technology LTP5902-IPM Datasheet HTML 3Page - Linear Technology LTP5902-IPM Datasheet HTML 4Page - Linear Technology LTP5902-IPM Datasheet HTML 5Page - Linear Technology LTP5902-IPM Datasheet HTML 6Page - Linear Technology LTP5902-IPM Datasheet HTML 7Page - Linear Technology LTP5902-IPM Datasheet HTML 8Page - Linear Technology LTP5902-IPM Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
A d v a nce d I n fo rm a t i o n
4
Linear Technology / Dust Networks
Eterna Datasheet
1.0
General
1.1
Related Documentation
• 040-0102 Eterna Integration Guide
• 040-0109 Design Specific Configuration Guide
• 040-0110 Eterna Serial Programmer Guide
1.2
Conventions
1.2.1
Signal Naming
The naming convention for Eterna signals is UPPER_CASE_SEPARATED_BY_UNDERSCORE. Active-low signals, such
as RESETn, add a trailing lower case n. An exception to the naming convention is UART transmit and receive signals which
are named consistent with industry practice as RX and TX, omitting the lower case n, despite being active low signals. The
terms assertion and active refers to a signal in a logically true state: logic ‘1’ for active high signals and logic ‘0’ for active
low signals. The terms negated and inactive refer to a signal being in its logically false state: logic ‘0’ for active high signals
and logic ‘1’ for active low signals.
1.2.2
Number Format
The 0x prefix indicates a hexadecimal number follows.
The 0b prefix indicates a binary number follows.
The lack of a prefix indicates a decimal number follows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com