Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5902-IPM Datasheet(PDF) 10 Page - Linear Technology

Part # LTP5902-IPM
Description  2.4 GHz 802.15.4 EternaTM Mote Modules
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5902-IPM Datasheet(HTML) 10 Page - Linear Technology

Back Button LTP5902-IPM Datasheet HTML 6Page - Linear Technology LTP5902-IPM Datasheet HTML 7Page - Linear Technology LTP5902-IPM Datasheet HTML 8Page - Linear Technology LTP5902-IPM Datasheet HTML 9Page - Linear Technology LTP5902-IPM Datasheet HTML 10Page - Linear Technology LTP5902-IPM Datasheet HTML 11Page - Linear Technology LTP5902-IPM Datasheet HTML 12Page - Linear Technology LTP5902-IPM Datasheet HTML 13Page - Linear Technology LTP5902-IPM Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
A d v a nce d I n fo rm a t i o n
10
Linear Technology / Dust Networks
Eterna Datasheet
and enters the serial flash emulation mode, if both signals are asserted. If the FLASH_P_ENn pin is not asserted but RESETn
is not asserted, Eterna automatically reduces its energy consumption to a minimum until RESETn is released. Once RESETn is de-
asserted, Eterna goes through a boot sequence, and then enters the Active state.
4.1.1
Fuse Table
Eterna’s Fuse Table is a 2 KB page in flash that contains two data structures, one for hardware configuration immediately
following Power on Reset or the assertion of RESETn and one for configuration of design specific parameters. Hardware
support for configuration includes configuration of I/O, preventing I/O leakage from negatively affecting current
consumption during power on, which can be a significant issue for current limited supplies. Examples of design-specific
parameters include setting of UART modes, clock sources and trim values. Fuse Tables are created via the Fuse Table
application software described in 040-0109 Design Specific Configuration Guide. Fuse Tables are loaded into flash using the
same software and in-circuit programmer used to load Eterna’s networking software image – see the 040-0110 Eterna Serial
Programmer Guide for details.
4.2
Serial Flash Emulation
When both RESETn and FLASH_P_ENn are asserted, Eterna disables normal operation and enters a mode to emulate the
operation of a serial flash. In this mode, its flash can be programmed with software updates. For details, see Section 2.10.
4.3
Operation
Once Eterna has completed startup, Eterna transitions to the Operational group of states (active / CPU active, active / CPU
inactive, and Doze). There, Eterna cycles between the various states, automatically selecting the lowest power state possible
while fulfilling the demands of network operation.
4.3.1
Active State
In Active state, the Eterna’s relaxation oscillator is running and peripherals are enabled as needed. The ARM Cortex-M3
cycles as needed between CPU-active and CPU-inactive (referred to in the ARM Cortex-M3 literature as “Sleep Now” or
“Sleep on Exit” modes). Eterna’s extensive use of DMA and intelligent peripherals that can independently move Eterna
between the Active and Doze states minimizes the time the CPU is active, significantly reducing Eterna’s energy
consumption.
4.3.2
Doze State
The Doze state consumes orders of magnitude less current than the Active state (see Table 6) and is entered when all of the
peripherals, save the low power portion of the timer module, and the CPU are inactive. In the Doze state Eterna’s full state is
retained and Eterna is configured to detect, wake, and rapidly respond to activity on I/Os (such as UART signals and the
TIMEn pin). The Doze state also uses the 32.768-kHz oscillator and 32 kHz based timers are active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com