Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5902-IPM Datasheet(PDF) 5 Page - Linear Technology

Part # LTP5902-IPM
Description  2.4 GHz 802.15.4 EternaTM Mote Modules
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5902-IPM Datasheet(HTML) 5 Page - Linear Technology

  LTP5902-IPM Datasheet HTML 1Page - Linear Technology LTP5902-IPM Datasheet HTML 2Page - Linear Technology LTP5902-IPM Datasheet HTML 3Page - Linear Technology LTP5902-IPM Datasheet HTML 4Page - Linear Technology LTP5902-IPM Datasheet HTML 5Page - Linear Technology LTP5902-IPM Datasheet HTML 6Page - Linear Technology LTP5902-IPM Datasheet HTML 7Page - Linear Technology LTP5902-IPM Datasheet HTML 8Page - Linear Technology LTP5902-IPM Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
A d v a nce d I n fo rm a t i o n
Eterna Datasheet
Linear Technology / Dust Networks
5
2.0
Introduction
Eterna is the world’s most energy-efficient IEEE 802.15.4 compliant platform enabling battery and energy harvested
endpoint, routing and network management solutions. With a powerful 32-bit ARM
® Cortex™-M3, best in class radio, flash,
RAM and purpose-built peripherals, Eterna provides a flexible, scalable and robust networking solution for applications
demanding both minimal energy consumption and data reliability in even the most challenging RF environments.
Shown in Figure 1, Eterna integrates purpose-built peripherals that excel in both low operating-energy consumption and the
ability to rapidly and precisely cycle between operating and low-power states. Items in the shaded region correspond to the
analog/RF components.
Cortex-M3
Timers
Sched.
Auto
MAC
AES
Flash
512 KB
Flash
Controller
802.15.4
Framing
DMA
802.15.4
Mod
802.15.4
Demod
API
UART
(6-pin)
IPCS
SPI
Slave
PTAT
PMU /
Clock
Control
Bat.
Load
SRAM
72 KB
Code
System
LNA
PA
BPF
PPF
PLL
RSSI
LPF
S
Analog Regulator
Clock Regulator
Core Regulator
Voltage Reference
Primary
DC/DC
Converter
PA
DC/DC
Converter
PoR
32 kHz
ADC
Ctrl.
10-bit
ADC
Relaxation
Oscillator
32 kHz, 20 MHz
4-bit
DAC
VGA
CLI
UART
(2 pin)
Limiter
ADC
DAC
AGC
Figure 1
Eterna Block Diagram
2.1
Power Supply
Eterna is powered from a single pin, VSUPPLY, which powers the I/O cells and is also used to generate internal supplies.
Eterna’s two on-chip DC/DC converters minimize Eterna’s energy consumption while the device is awake. To prevent power
from being wasted the DC/DC converter is disabled when the device is in low-power state. Eterna’s rejection of supply noise
is substantial owing to the two integrated DC/DC converters and three integrated low-dropout regulators. Eterna’s operating
supply range is high enough to support direct connection to Li-SClO2 sources and wide enough to support battery operation
over a broad temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com