Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5902-IPM Datasheet(PDF) 22 Page - Linear Technology

Part # LTP5902-IPM
Description  2.4 GHz 802.15.4 EternaTM Mote Modules
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5902-IPM Datasheet(HTML) 22 Page - Linear Technology

Back Button LTP5902-IPM Datasheet HTML 18Page - Linear Technology LTP5902-IPM Datasheet HTML 19Page - Linear Technology LTP5902-IPM Datasheet HTML 20Page - Linear Technology LTP5902-IPM Datasheet HTML 21Page - Linear Technology LTP5902-IPM Datasheet HTML 22Page - Linear Technology LTP5902-IPM Datasheet HTML 23Page - Linear Technology LTP5902-IPM Datasheet HTML 24Page - Linear Technology LTP5902-IPM Datasheet HTML 25Page - Linear Technology LTP5902-IPM Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
A d v a nce d I n fo rm a t i o n
22
Linear Technology / Dust Networks
Eterna Datasheet
8.10
TIMEn AC Characteristics
The following characteristics are measured with VSUPPLY = 3.6 V at 25 °C, unless otherwise specified. Note that the time
pin must remain negated until the time packet has been received.
Table 15
Timestamp Characteristics
Parameter
Conditions
Min
Typ
Max
Unit
tstrobe
125
µs
tresponse
From rising edge of TIMEn
100
ms
Resolution
See the serial API definition for
getParameter<time>
+/- 1
µs
Network-wide time accuracy
Stable temperature environment
+/- 5
µs
Figure 17 Timestamp Timing Diagram
8.11
SLEEPn AC Characteristics
The following characteristics are measured with VSUPPLY = 3.6 V at 25 °C, unless otherwise specified. Note that the time
pin must remain negated until the time packet has been received.
Table 16
SLEEPn Characteristics
Parameter
Conditions
Min
Typ
Max
Unit
tdoze
From falling edge of SLEEPn
20
ms
Tsleep_strobe
Maximum strobe width
2
s
Figure 18 SLEEPn Timing Diagram
8.12
RADIO_INHIBIT AC Characteristics
The following characteristics are measured with VSUPPLY = 3.6 V at 25 °C, unless otherwise specified. Note that the time
pin must remain negated until the time packet has been received.
Table 17
RADIO_INHIBIT Characteristics
Parameter
Conditions
Min
Typ
Max
Unit
tradio_off
From rising edge of RADIO_INHIBIT
20
ms
Tradio_inhibit_strobe
Maximum strobe width
2
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com