Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSKW2021 Datasheet(PDF) 5 Page - Minmax Technology Co., Ltd.

Part # MSKW2021
Description  DC/DC CONVERTER 5W, SMD Package with Industry Standard Pinout
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSKW2021 Datasheet(HTML) 5 Page - Minmax Technology Co., Ltd.

  MSKW2021 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSKW2021 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSKW2021 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSKW2021 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSKW2021 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MSKW2000 SERIES
DC/DC CONVERTER 5W, SMD-Package
18, Sin Sin Road, An-Ping Industrial District, Tainan 702, Taiwan
Tel: 886-6-2923150
Fax: 886-6-2923149
E-mail: sales@minmax.com.tw
2012/01/10 REV:6
Page 5 of 5
Minmax Technology Co., Ltd.
Test Configurations
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with a inductor Lin (4.7uH) and Cin (220uF, ESR < 1.0[ at 100 KHz) to simulate source impedance.
Capacitor Cin, offsets possible battery impedance. Current ripple is measured at the input terminals of the module, measurement bandwidth is 0-500 KHz.
+Out
-Out
+Vin
-Vin
DC / DC
Converter
Load
Battery
+
Lin
+
Cin
To Oscilloscope
Current
Probe
Peak-to-Peak Output Noise Measurement Test
Use a Cout 0.47uF ceramic capacitor. Scope measurement should be made by using a BNC socket, measurement bandwidth is 0-20 MHz. Position the load
between 50 mm and 75 mm from the DC/DC Converter.
+Out
-Out
+Vin
-Vin
Single Output
DC / DC
Converter
Resistive
Load
Scope
Copper Strip
Cout
Copper Strip
+Out
-Out
+Vin
-Vin
Dual Output
DC / DC
Converter
Resistive
Load
Scope
Copper Strip
Cout
Com.
Scope
Cout
Copper Strip
Copper Strip
Design & Feature Considerations
Remote On/Off
Positive logic remote on/off turns the module on during a logic high voltage on the remote on/off pin, and off during a logic low. To turn the power module on and off,
the user must supply a switch to control the voltage between the on/off terminal and the -Vin terminal. The switch can be an open collector or equivalent.
A logic low is -0.7V to 0.8V. A logic high is 2.5V to 5.5V.
The maximum sink current of the switch at on/off terminal during a logic low is 300 uA. The maximum sink current of the switch at on/off terminal = 2.5 to 5.5V is
200uA or open.
Overcurrent Protection
To provide protection in a fault (output overload) condition, the unit is equipped with internal current limiting circuitry and can endure current limiting for an unlimited
duration. At the point of current-limit inception, the unit shifts from voltage control to current control. The unit operates normally once the output current is brought back
into its specified range.
Input Source Impedance
The power module should be connected to a low ac-impedance input source. Highly inductive source impedances can affect the stability of the power module.
In applications where power is supplied over long lines and output loading is high, it may be necessary to use a capacitor at the input to ensure startup.
Capacitor mounted close to the power module helps ensure stability of the unit, it is recommended to use a good quality low Equivalent Series Resistance (ESR <
1.0Ω at 100 KHz) capacitor of a 3.3uF for the 12V input devices and a 2.2uF for the 24V and 48V devices.
+
+Out
-Out
+Vin
-Vin
DC / DC
Converter
Load
DC Power
Source
+
-
Cin
Output Ripple Reduction
A good quality low ESR capacitor placed as close as practicable across the load will give the best ripple and noise performance. To reduce output ripple, it is
recommended to use 3.3uF capacitors at the output.
+Out
-Out
+Vin
-Vin
Load
DC Power
Source
+
-
Cout
Single Output
DC / DC
Converter
+Out
-Out
+Vin
-Vin
Load
DC Power
Source
+
-
Cout
Com.
Dual Output
DC / DC
Converter
Load
Cout
Maximum Capacitive Load
The MSKW2000 series has limitation of maximum connected capacitance at the output. The power module may be operated in current limiting mode during start-up,
affecting the ramp-up and the startup time. For optimum performance we recommend 100uF maximum capacitive load for dual outputs and 680uF capacitive load for
single outputs. The maximum capacitance can be found in the data sheet.
Thermal Considerations
Many conditions affect the thermal performance of the power module, such as orientation, airflow over the module and board spacing. To avoid exceeding the
maximum temperature rating of the components inside the power module, the case temperature must be kept below 90
℃. The derating curves are determined from
measurements obtained in a test setup.
DUT
Position of air velocity
probe and thermocouple
50mm / 2in
Air Flow
15mm / 0.6in



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com