Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSKW2021 Datasheet(PDF) 4 Page - Minmax Technology Co., Ltd.

Part # MSKW2021
Description  DC/DC CONVERTER 5W, SMD Package with Industry Standard Pinout
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSKW2021 Datasheet(HTML) 4 Page - Minmax Technology Co., Ltd.

  MSKW2021 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSKW2021 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSKW2021 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSKW2021 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSKW2021 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MSKW2000 SERIES
DC/DC CONVERTER 5W, SMD-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2012/01/10 REV:6
Page 4 of 5
Pin Connections
Physical Characteristics
Pin
Single Output
Dual Output
Case Size
:
33.4x20.8x10.2mm (1.31x0.82x0.4 Inches)
1
Remote On/Off
Remote On/Off
2
-Vin
-Vin
Case Material
:
Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
3
-Vin
-Vin
9
NC
Common
Weight
:
14g
10
NC
NC
11
NC
-Vout
12
NC
NC
13
NC
NC
14
+Vout
+Vout
15
NC
NC
16
-Vout
Common
22
+Vin
+Vin
23
+Vin
+Vin
24
NC
NC
NC : No Connection



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com