Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSKW2021 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MSKW2021
Description  DC/DC CONVERTER 5W, SMD Package with Industry Standard Pinout
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSKW2021 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MSKW2021 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSKW2021 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSKW2021 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSKW2021 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSKW2021 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MSKW2000 SERIES
DC/DC CONVERTER 5W, SMD-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2012/01/10 REV:6
Page 2 of 5
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
12V Input Models
-0.7
---
25
24V Input Models
-0.7
---
50
Input Surge Voltage (1 sec. max.)
48V Input Models
-0.7
---
100
12V Input Models
7.5
8
9
24V Input Models
14
16
18
Start-Up Voltage
48V Input Models
30
33
36
12V Input Models
6.5
7
8
24V Input Models
13
15
17
Under Voltage Shutdown
48V Input Models
28
31
34
VDC
Reverse Polarity Input Current
---
---
1
A
Short Circuit Input Power
---
1000
3000
mW
Internal Power Dissipation
---
---
2500
mW
Conducted EMI
All Models
Compliance to EN 55022,class A and FCC part 15,class A
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
---
±0.5
±1.0
%
Output Voltage Balance
Dual Output, Balanced Loads
---
±0.5
±2.0
%
Line Regulation
Vin=Min. to Max.
---
±0.1
±0.3
%
Load Regulation
Io=20% to 100%
---
±0.3
±1.0
%
Ripple & Noise (20MHz)
---
50
85
mV P-P
Ripple & Noise (20MHz)
Over Line, Load & Temp.
---
---
100
mV P-P
Ripple & Noise (20MHz)
---
---
15
mV rms
Transient Recovery Time
---
250
500
uS
Transient Response Deviation
25% Load Step Change
---
±2
±6
%
Temperature Coefficient
---
±0.01
±0.02
%/
℃
Over Load Protection
Foldback
115
140
165
%
Short Circuit Protection
Continuous
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (rated)
60 Seconds
1500
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
MΩ
I/O Isolation Capacitance
100KHz, 1V
---
650
750
pF
Switching Frequency
200
260
350
KHz
MTBF (calculated)
MIL-HDBK-217F@25
℃, Ground Benign
1,000,000
---
---
Hours
Moisture Sensitivity Level (MSL)
IPC/JEDEC J-STD-020D
Level 2
Input Fuse
12V Input Models
24V Input Models
48V Input Models
1500mA Slow-Blow Type
700mA Slow-Blow Type
350mA Slow-Blow Type
Remote On/Off Control
Parameter
Conditions
Min.
Typ.
Max.
Unit
Converter On
2.5V ~ 5.5V or Open Circuit
Converter Off
-0.7V ~ 0.8V
Control Input Current (on)
Vctrl = Min. to Max.
---
---
-200
uA
Control Input Current (off)
Vctrl = Min. to Max.
---
---
-300
uA
Control Common
Referenced to Negative Input
Standby Input Current
---
---
10
mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com