Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSKW2021 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MSKW2021
Description  DC/DC CONVERTER 5W, SMD Package with Industry Standard Pinout
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSKW2021 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MSKW2021 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSKW2021 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSKW2021 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSKW2021 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSKW2021 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MSKW2000 SERIES
DC/DC CONVERTER 5W, SMD-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2012/01/10 REV:6
Page 3 of 5
Environmental Specifications
Parameter
Conditions
Min.
Max.
Unit
Operating Temperature Range (with Derating)
Ambient
-40
+85
℃
Case Temperature
---
+90
℃
Storage Temperature Range
-50
+125
℃
Humidity (non condensing)
---
95
% rel. H
Cooling
Free-Air convection
Lead Temperature (1.5mm from case for 10Sec.)
---
260
℃
Power Derating Curve
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%
3
Ripple & Noise measurement bandwidth is 0-20MHz.
4
These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage these
modules; however they may not meet all specifications listed.
5
All DC/DC converters should be externally fused at the front end for protection.
6
Other input and output voltage may be available, please contact factory.
7
That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
8
Specifications subject to change without notice.
Package Specifications
Mechanical Dimensions
Connecting Pin Patterns
►
All dimensions in mm (inches)
►
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
►
Pins ±0.05 (±0.002)
2.76
5.08
15.24 [0.6]
[0.2]
7.62
[0.3]
33.4 [1.31]
1.50 [0.06]
1
24
2
23
3
22
10
15
11
14
12
13
16
9
0.15 S
SSEATING
PLANE
[0.11]
3.0 [0.12]
27.94 [1.10]
2.54 [0.10]
15.24 [0.60]
1.9 [0.07]
27.0 [1.06]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com