Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSKW2021 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MSKW2021
Description  DC/DC CONVERTER 5W, SMD Package with Industry Standard Pinout
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSKW2021 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MSKW2021 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSKW2021 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSKW2021 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSKW2021 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSKW2021 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MSKW2000 SERIES
DC/DC CONVERTER 5W, SMD-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2012/01/10 REV:6
Page 1 of 5
FEATURES
►SMD Package with Industry Standard Pinout
►Package Dimension:
33.3 x 20.8 x 9.8 mm (1.31”x 0.82”x 0.39” inches)
►Wide 2:1 Input Range
►Efficiency up to 85%
►I/O-isolation 1500VDC
►Operating Temp. Range -40°C to +85°C
►Qualified for lead-free Reflow Solder Process according
IPC/JEDEC J-STD-020D
►Input Filter complies with EN55022,class A
►3 Years Product Warranty
PRODUCT OVERVIEW
The MINMAX MSKW2000 series is a range of isolated 5W DC/DC converter modules featuring fully regulated output voltages and wide 2:1 input voltage
ranges.
These products are in a low profile SMD package with dimensions of 33.4 x 20.8 x 9.8 mm. All models are qualified for lead free reflow solder processes
according IPC J-STD-020D.An excellent efficiency allows an operating temperature range of–40° to +85°C (with derating).
Typical applications for these converters are battery operated equipment and instrumentation, communication and general industrial electronics.
Model Selection Guide
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Reflected
Ripple
Current
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
mA(typ.)
uF
%
MSKW2021
3.3
1200
120
434
76
MSKW2022
5
1000
100
521
80
MSKW2023
12
417
41.7
502
83
MSKW2024
15
333
33.3
502
680
83
MSKW2025
±5
±500
±500
521
80
MSKW2026
±12
±208
±20.8
501
83
MSKW2027
12
(9 ~ 18)
±15
±167
±16.7
503
45
25
100#
83
MSKW2031
3.3
1200
120
212
78
MSKW2032
5
1000
100
254
82
MSKW2033
12
417
41.7
245
85
MSKW2034
15
333
33.3
245
680
85
MSKW2035
±5
±500
±500
254
82
MSKW2036
±12
±208
±20.8
245
85
MSKW2037
24
(18 ~ 36)
±15
±167
±16.7
246
15
15
100#
85
MSKW2041
3.3
1200
120
106
78
MSKW2042
5
1000
100
127
82
MSKW2043
12
417
41.7
123
85
MSKW2044
15
333
33.3
122
680
85
MSKW2045
±5
±500
±500
127
82
MSKW2046
±12
±208
±20.8
122
85
MSKW2047
48
(36 ~ 75)
±15
±167
±16.7
123
6
10
100#
85
# For each output


Similar Part No. - MSKW2021

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSKW2021 MINMAX-MSKW2021 Datasheet
208Kb / 8P
5W 2:1 Wide Input Range SMD, Single & Dual Output DC/DC Converters
MSKW2021 MINMAX-MSKW2021 Datasheet
427Kb / 5P
DC/DC CONVERTER 5W, SMD-Package
logo
Total Power Internation...
MSKW2021 TOTAL-POWER-MSKW2021 Datasheet
431Kb / 5P
SMD Package with Industry Standard Pinout
More results

Similar Description - MSKW2021

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100_13 Datasheet
529Kb / 4P
DC/DC CONVERTER 1W SIP-Package with Industry Standard Pinout
MAU300 MINMAX-MAU300_13 Datasheet
511Kb / 4P
DC/DC CONVERTER 2W SIP Package with Industry Standard Pinout
logo
MIC GROUP RECTIFIERS
MSLU100 MIC-MSLU100_11 Datasheet
277Kb / 5P
DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
logo
Minmax Technology Co., ...
MSLU300 MINMAX-MSLU300_11 Datasheet
271Kb / 4P
DC/DC CONVERTER 1W, High Isolation, SMD Package with Industry Standard Pinout
MSLU400 MINMAX-MSLU400_11 Datasheet
268Kb / 4P
DC/DC CONVERTER 2W, SMD Package with Industry Standard Pinout
MSAU100 MINMAX-MSAU100_11 Datasheet
265Kb / 4P
DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MSAU200 MINMAX-MSAU200_11 Datasheet
268Kb / 4P
DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MSAU300 MINMAX-MSAU300_11 Datasheet
266Kb / 4P
DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MSAU400 MINMAX-MSAU400_11 Datasheet
272Kb / 4P
DC/DC CONVERTER 2W, SMD Package with Industry Standard Pinout
MSIW1000 MINMAX-MSIW1000_12 Datasheet
282Kb / 4P
DC/DC CONVERTER 3W, SMD Package with Industry Standard Pinout
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com