Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT-PS512K8 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # ACT-PS512K8
Description  ACT-PS512K8 High Speed 4 Megabit Plastic Monolithic SRAM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-PS512K8 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  ACT-PS512K8 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-PS512K8 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-PS512K8 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-PS512K8 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-PS512K8 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-PS512K8 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Aeroflex Circuit Technology
SCD3764 REV A 6/2/98 Plainview NY (516) 694-6700
5
Pin Numbers & Functions
36 Pins — SOJ
Pin #
Function
Pin #
Function
1
A0
19
NC
2
A1
20
A10
3
A2
21
A11
4
A3
22
A12
5
A4
23
A13
6
CE
24
A14
7
I/O0
25
I/O4
8
I/O1
26
I/O5
9
VCC
27
VCC
10
VSS
28
VSS
11
I/O2
29
I/O6
12
I/O3
30
I/O7
13
WE
31
OE
14
A5
32
A15
15
A6
33
A16
16
A7
34
A17
17
A8
35
A18
18
A9
36
NC
All dimensions in inches
Dimensions in inches (.xxx)
Package Outline "L2" — SOJ Package, 36 Leads
11.30 (.445)
11.05 (.435)
9.65 (.380)
9.14 (.360)
.69
(.027)
23.62 (.930)
23.37 (.920)
10.29 (.405)
10.03 (.395)
0.95
(.037)
1.27
(.050)
.43
(.017
3.76 (.148) MAX
Dimensions in millmeters mm
1
18
19
36
MIN
TYP
+.10
-.05
+.004)
-.002)
TYP
.004 MAX



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com