Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT-PS512K8 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT-PS512K8
Description  ACT-PS512K8 High Speed 4 Megabit Plastic Monolithic SRAM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-PS512K8 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT-PS512K8 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-PS512K8 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-PS512K8 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-PS512K8 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-PS512K8 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-PS512K8 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CIRCUIT TECHNOLOGY
www.aeroflex.com
eroflex Circuit Technology - Advanced Multichip Modules © SCD3764 REV A 6/2/98
General Description
The
ACT-PS512K8
is
a
Plastic High Speed, 4 Megabit
(4,194,304
bits)
CMOS
Monolithic SRAM organized as
524,288
words
by
8
bits.
Designed for high-speed, high
density, high reliablility, mass
memory and fast cache system
applications.
The
plastic
monolithic
is
input
and
output
TTL
compatible. Writing is executed
when the write enable (WE)
and chip enable (CE) inputs are
low. Reading is accomplished
when WE is high and CE and
output enable (OE) are both
low. Access time grades of
10ns 12ns, 15ns, 17ns, 20ns
and 25ns are standard.
512Kx8
OE
A0 – A18
I/O0-7
8
WE
CE
Pin Description
I/O0-7
Data I/O
A0–18
Address Inputs
WE
Write Enable
CE
Chip Enable
OE
Output Enable
VCC
Power Supply
VSS
Ground
NC
Not Connected
V
ss
V
cc
Block Diagram – SOJ (L2)
Plastic Path™ Features
s
Low Power Monolithic CMOS 512K x 8 SRAM
s
Operating Temperature Range
q
Full Military (-55°C to +125°C)
q
Industrial (-40°C to +85°C)
s
Burn-in and Temperature Cycle Available
s
10, 12, 15, 17, 20 & 25ns Access Times
s
+5V Power Supply
s
Industry Standard Pinouts
q
Center Power / Ground Pins
s
TTL Compatible I/O
s
3.3V Device I/O Interfacing
s
JEDEC Standard 36 pin Plastic SOJ Package
q
36 Lead, .93" x .405" x 0.148 Small Outline J lead (SOJ),
Aeroflex code# "L2"
s
Fully Static Operation
q
No Clocks or Refresh Required
4 Megabit Plastic Monolithic SRAM
ACT-PS512K8 High Speed
F
I
E
I
D
C
E
R T
F
L E
X L A
ISO
9001


Similar Part No. - ACT-PS512K8

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-PD1M16N-070L4I AEROFLEX-ACT-PD1M16N-070L4I Datasheet
74Kb / 9P
ACT-PD1M16 Fast Page Mode 16 Megabit Plastic Monolithic DRAM
ACT-PD1M16N-070L4T AEROFLEX-ACT-PD1M16N-070L4T Datasheet
74Kb / 9P
ACT-PD1M16 Fast Page Mode 16 Megabit Plastic Monolithic DRAM
ACT-PD1M16W-070L4I AEROFLEX-ACT-PD1M16W-070L4I Datasheet
74Kb / 9P
ACT-PD1M16 Fast Page Mode 16 Megabit Plastic Monolithic DRAM
ACT-PD1M16W-070L4T AEROFLEX-ACT-PD1M16W-070L4T Datasheet
74Kb / 9P
ACT-PD1M16 Fast Page Mode 16 Megabit Plastic Monolithic DRAM
ACT-PD1M16X-070L4I AEROFLEX-ACT-PD1M16X-070L4I Datasheet
74Kb / 9P
ACT-PD1M16 Fast Page Mode 16 Megabit Plastic Monolithic DRAM
More results

Similar Description - ACT-PS512K8

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACTF128K8 AEROFLEX-ACTF128K8 Datasheet
150Kb / 21P
ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
ACTF512K8 AEROFLEX-ACTF512K8 Datasheet
149Kb / 21P
ACT-F512K8 High Speed 4 Megabit Monolithic FLASH
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
ACTS512K8 AEROFLEX-ACTS512K8 Datasheet
83Kb / 8P
ACT-S512K8 High Speed 4 Megabit Monolithic SRAM
ACT-S128K32 AEROFLEX-ACT-S128K32 Datasheet
414Kb / 10P
High Speed 4 Megabit SRAM Multichip Module
logo
List of Unclassifed Man...
EDI8F16256C ETC1-EDI8F16256C Datasheet
370Kb / 7P
HIGH SPEED 4 MEGABIT SRAM MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com