Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT-PS512K8 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # ACT-PS512K8
Description  ACT-PS512K8 High Speed 4 Megabit Plastic Monolithic SRAM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-PS512K8 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  ACT-PS512K8 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-PS512K8 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-PS512K8 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-PS512K8 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-PS512K8 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-PS512K8 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Aeroflex Circuit Technology
SCD3764 REV A 6/2/98 Plainview NY (516) 694-6700
2
Absolute Maximum Ratings
Symbol
Parameter
MINIMUM
MAXIMUM
Units
TC
Case Operating Temperature
-55
+125
°C
TSTG
Storage Temperature
-65
+150
°C
PD
Maximum Package Power Dissipation
1.0
W
VG
Maximum Signal Voltage to Ground
-0.5
VCC + 0.5
V
VCC
Power Supply Voltage
-0.5
+7.0
V
Recommended Operating Conditions
Symbol
Parameter
Minimum
Maximum
Units
VCC
Power Supply Voltage
+4.5
+5.5
V
VSS
Ground
0
0
V
VIH
Input High Voltage
+2.2
VCC + 0.5
V
VIL
Input Low Voltage
-0.5
+0.8
V
TC
Operating Temperature (Military)
-55
+125
°C
TC
Operating Temperature (Industrial)
-40
+85
°C
Truth Table
Mode
CE
WE
OE
Data I/O
Supply
Current
Standby
H
X
X
High Z
ISB
Output Disable
L
H
H
High Z
ICC
Read
L
H
L
Data OUT
ICC
Write
L
L
X
Data IN
ICC
Capacitance
(VIN & VOUT = 0V, f = 1MHz, TC = 25°C, unless otherwise noted, Guaranteed but not tested)
Symbol
Parameter
Maximum
Units
CIN
Input Capacitance (A0-18, WE & OE)
6
pF
COUT
Output Capacitance (I/O0-7 & CE)
8
pF
DC Characteristics
(VCC = 5.0V, VSS = 0V, TC = -55°C to +125°C or -40°C to +85°C)
Parameter
Sym
Conditions
Min
Max
Units
Input Leakage Current
ILI
VCC = Max, VIN = VSS to VCC
-10
+10
µA
Output Leakage Current
ILO CE = VIH, OE = VIH, VOUT = VSS to VCC
-10
+10
µA
Operating Supply Current
ICC CE = VIL, OE = VIH,f =5MHz,Vcc=5.5V
130
mA
Standby Current
ISB CE = VIH, OE= VIH, f =5MHz,Vcc=5.5V
20
mA
Output Low Voltage
VOL IOL = 8 mA, Vcc = 4.5V
0.4
V
Output High Voltage
VOH IOH = -4 mA, Vcc = 4.5V
2.4
V
Note: DC Test conditions: VIL = 0.3V, VIH = Vcc - 0.3V.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com