Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT-PS512K8 Datasheet (PDF) - Aeroflex Circuit Technology

ACT-PS512K8 Datasheet PDF - Aeroflex Circuit Technology
Part # ACT-PS512K8
Download  ACT-PS512K8 Download
File Size   73.0 Kbytes
Page   6 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description ACT-PS512K8 High Speed 4 Megabit Plastic Monolithic SRAM

ACT-PS512K8 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT-PS512K8 Datasheet PDF - Aeroflex Circuit Technology

Part # ACT-PS512K8
Download  ACT-PS512K8 Click to download

File Size   73.0 Kbytes
Page   6 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description ACT-PS512K8 High Speed 4 Megabit Plastic Monolithic SRAM

ACT-PS512K8 Datasheet (HTML) - Aeroflex Circuit Technology


ACT-PS512K8 Product details

General Description
The ACT-PS512K8 is a Plastic High Speed, 4 Megabit (4,194,304 bits) CMOS Monolithic SRAM organized as 524,288 words by 8 bits. Designed for high-speed, high density, high reliablility, mass memory and fast cache system applications.
The plastic monolithic is input and output TTL compatible. Writing is executed when the write enable (WE) and chip enable (CE) inputs are low. Reading is accomplished when WE is high and CE and output enable (OE) are both low. Access time grades of 10ns 12ns, 15ns, 17ns, 20ns and 25ns are standard.

Plastic Path™ Features
■ Low Power Monolithic CMOS 512K x 8 SRAM
■ Operating Temperature Range
   ● Full Military (-55°C to +125°C)
   ● Industrial (-40°C to +85°C)
■ Burn-in and Temperature Cycle Available
■ 10, 12, 15, 17, 20 & 25ns Access Times
■ +5V Power Supply
■ Industry Standard Pinouts
   ● Center Power / Ground Pins
■ TTL Compatible I/O
■ 3.3V Device I/O Interfacing
■ JEDEC Standard 36 pin Plastic SOJ Package
   ● 36 Lead, .93" x .405" x 0.148 Small Outline J lead (SOJ), Aeroflex code# "L2"
■ Fully Static Operation
   ● No Clocks or Refresh Required




Similar Part No. - ACT-PS512K8

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-PD1M16N-070L4I AEROFLEX-ACT-PD1M16N-070L4I Datasheet
74Kb / 9P
ACT-PD1M16 Fast Page Mode 16 Megabit Plastic Monolithic DRAM
ACT-PD1M16N-070L4T AEROFLEX-ACT-PD1M16N-070L4T Datasheet
74Kb / 9P
ACT-PD1M16 Fast Page Mode 16 Megabit Plastic Monolithic DRAM
ACT-PD1M16W-070L4I AEROFLEX-ACT-PD1M16W-070L4I Datasheet
74Kb / 9P
ACT-PD1M16 Fast Page Mode 16 Megabit Plastic Monolithic DRAM
ACT-PD1M16W-070L4T AEROFLEX-ACT-PD1M16W-070L4T Datasheet
74Kb / 9P
ACT-PD1M16 Fast Page Mode 16 Megabit Plastic Monolithic DRAM
ACT-PD1M16X-070L4I AEROFLEX-ACT-PD1M16X-070L4I Datasheet
74Kb / 9P
ACT-PD1M16 Fast Page Mode 16 Megabit Plastic Monolithic DRAM
More results


Similar Description - ACT-PS512K8

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACTF128K8 AEROFLEX-ACTF128K8 Datasheet
150Kb / 21P
ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
ACTF512K8 AEROFLEX-ACTF512K8 Datasheet
149Kb / 21P
ACT-F512K8 High Speed 4 Megabit Monolithic FLASH
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
ACTS512K8 AEROFLEX-ACTS512K8 Datasheet
83Kb / 8P
ACT-S512K8 High Speed 4 Megabit Monolithic SRAM
ACT-S128K32 AEROFLEX-ACT-S128K32 Datasheet
414Kb / 10P
High Speed 4 Megabit SRAM Multichip Module
logo
List of Unclassifed Man...
EDI8F16256C ETC1-EDI8F16256C Datasheet
370Kb / 7P
HIGH SPEED 4 MEGABIT SRAM MODULE
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com