Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT-PS512K8 Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # ACT-PS512K8
Description  ACT-PS512K8 High Speed 4 Megabit Plastic Monolithic SRAM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-PS512K8 Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  ACT-PS512K8 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-PS512K8 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-PS512K8 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-PS512K8 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-PS512K8 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-PS512K8 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Aeroflex Circuit Technology
SCD3764 REV A 6/2/98 Plainview NY (516) 694-6700
6
Ordering Information (Typical)
Model Number
Options
Speed
Package
ACT-PS512K8N–010L2I
None
10ns
36 Lead SOJ
ACT-PS512K8W–012L2I
Burn-in
12ns
36 Lead SOJ
ACT-PS512K8X–015L2T
Temp Cycle
15ns
36 Lead SOJ
ACT-PS512K8Y–017L2T
Temp Cycle & Burn-in
17ns
36 Lead SOJ
ACT-PS512K8Y–020L2T
Temp Cycle & Burn-in
20ns
36 Lead SOJ
ACT-PS512K8Y–025L2T
Temp Cycle & Burn-in
25ns
36 Lead SOJ
010 = 10ns
012 = 12ns
015 = 15ns
017 = 17ns
020 = 20ns
025 = 25ns
Aeroflex Circuit
Technology
* Screened to the test methods of MIL-STD-883
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11830
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: 1-(800) 843-1553
CIRCUIT TECHNOLOGY
\\\
ACT- P S 512K 8 N– 010 L2 T
Memory Type
S = Plastic SRAM
Memory Depth, Locations
Options
Memory Width, Bits
N = None
W = Burn-in
*
X = Temperature Cycle
*
Y = Burn-in & Temperature Cycle
*
Memory Speed, ns
Package Type & Size
L2 = 36 Pin Plastic SOJ
Electrical Testing
I = Industrial Temp, -40°C to +85°C
T = Military Temp, -55°C to +125°C
Plastic Path
Part Number Breakdown



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com