Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4435 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # 4435
Description  ARX4435 Transceiver for Macair H009 Specification
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

4435 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  4435 Datasheet HTML 1Page - Aeroflex Circuit Technology 4435 Datasheet HTML 2Page - Aeroflex Circuit Technology 4435 Datasheet HTML 3Page - Aeroflex Circuit Technology 4435 Datasheet HTML 4Page - Aeroflex Circuit Technology 4435 Datasheet HTML 5Page - Aeroflex Circuit Technology 4435 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Aeroflex Circuit Technology
SCD4435 REV B 2/3/99 Plainview NY (516) 694-6700
4
Electrical Characteristics, Receiver Section
Parameter
Condition
Symbol
Min
Typ
Max
Unit
Differential Input Impedance (Note 1)
f= 1MHz
ZIn
20K
Ω
Differential Input Voltage Range
VIDR
40
V p-p
Input Common Mode Voltage Range
Note 1
VICR
10
V p-p
Common Mode Rejection Ratio
Point A-A on
Figure 5
CMRR
40
dB
Strobe Characteristics (Logic “O” inhibits output)
"0" Input Current
VS=0.4 V
I
IL
-0.2
-0.4
mA
"1" Input Current
VS=2.7 V
IIH
1.0
+40
µA
"0" Input Voltage
VIL
0.7
V
"1" Input Voltage
VIH
2.0
V
Strobe Delay (turn-on or turn-off)
Note 1.
tSD
150
nS
Threshold Characteristics (Sinewave input)
Internal Threshold Voltage
(Referred to the bus) Pins 6 and 11 to GND
For 4435-701 only – Pins 6 and 11 to GND
100KHz-1MHz
VTH
0.60
1.2
0.80
1.6
1.15
2.3
V P-P
V P-P
External Threshold
Pins 6 & 11 open, Pin 5 with a 5.9K resistor to GND, Pin 12
with a 6.65K resistor to GND, 1MHZ Sinewave applied to
point A-A
VTH(EXT)
1.65
1.95
2.24
V P-P
Output Characteristics, RX DATA and RX DATA
"1" State
IOH =-0.4 mA
VOH
2.5
3.6
V
"0" State
IOL = 4 mA
VOL
0.35
0.5
V
Delay, (average) from differential input zero
crossings to RX DATA and RX DATA output
50% points
tDRX
275
450
nS
Power Data
Power Supply Currents (Power supplies set at +15V, -15V, +5V)
Duty Cycle
+V
-V
5V
TYP
MAX
TYP
MAX
TYP
MAX
Transmitter Standby
45mA
60mA
65mA
75mA
28mA
35mA
25% duty cycle
60mA
80mA
85mA
95mA
50% duty cycle
75mA
105mA
100mA
120mA
100% duty cycle
110mA
140mA
130mA
160mA
Recommended Power Supply Voltage Range
+V
+11.4 Volts to +15.75 Volts
-V
-11.4 Volts to -15.75 Volts
Logic
+4.5 Volts to +5.5 Volts



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com