Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4435 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # 4435
Description  ARX4435 Transceiver for Macair H009 Specification
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

4435 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  4435 Datasheet HTML 1Page - Aeroflex Circuit Technology 4435 Datasheet HTML 2Page - Aeroflex Circuit Technology 4435 Datasheet HTML 3Page - Aeroflex Circuit Technology 4435 Datasheet HTML 4Page - Aeroflex Circuit Technology 4435 Datasheet HTML 5Page - Aeroflex Circuit Technology 4435 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CIRCUIT TECHNOLOGY
www.aeroflex.com
eroflex Circuit T
echnology – Data Bus Modules For The Future © SCD4435 REV B 2/3/99
Features
• ARX4435 Transceiver meets Macair H009 data bus
specifications
• Transmitter can be used to drive clock signal line
• Operates with ±15 Volts to ±12 Volts power supplies
• Direct replacement for CT1641 and CT1816 devices
• Voltage source output for higher bus drive power
• Plug-in and flat package available
• Monolithic construction using linear ASICs
• Processed and screened to MIL-STD-883 specs
• MIL-PRF-38534 compliant devices available
General Description
The
Aeroflex
Laboratories
Incorporated model ARX4435 and
ARX4435FP
are
new
generation
monolithic
transceivers
which
provides
compliance
with
Macair
H009 data bus requirements
The
model
ARX4435
and
ARX4435FP perform the front-end
analog function of inputting and out-
putting data through a transformer to
a H-009 data bus.
Design
of
these
transceivers
reflects particular attention to active
filter performance.This results in low
bit and word error rate with superior
waveform purity and minimal zero
crossover distortion. The ARX4435
series active filter design has addi-
tional high frequency roll-off to pro-
vide
the
required
low
harmonic
distortion waveform without increas-
ing the delay characteristics signifi-
cantly.
Efficient transmitter electrical and
thermal design results in low internal
power dissipation and temperature
rise at high and low duty cycle.
Transmitter
The Transmitter section accepts
complementary TTL data at the input,
and when coupled to the data bus
with a 1:1 transformer, isolated on the
transceiver side with two 35 Ohm
fault isolation resistors, and loaded by
a 170 Ohm termination, the data bus
signal produced is 20 volts nominal
P-P at A-A’. (See Figure 5.) When
both DATA and DATA inputs are held
low or high, the transmitter output
impedance is low, and signal is
“removed” from the line. In addition,
ARX4435FP/4435 Transceivers
Block Diagram (without Transformer)
SHAPING
OUTPUT
STAGE
COMP.
COMP.
ACTIVE
FILTER
INPUT
AMP
DRIVER
TX DATA IN
TX DATA IN
TX INHIBIT
+5 V
RX DATA IN
RX DATA IN
STROBE
TX DATA OUT
TX DATA OUT
RX DATA OUT
RX DATA OUT
-12V or -15V
EXT THRESHOLD
DATA
SET INTERNAL
DATA
DATA
EXT THRESHOLD
DATA
+15V or +12V
V+
V-
THRESHOLD
+VTH
-VTH
~4K
~4K
–
+
ARX4435 Transceiver
for Macair H009 Specification


Similar Part No. - 4435

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
4435 AEROFLEX-4435 Datasheet
153Kb / 6P
ARX4435N Transceiver for Macair H009 Specification
logo
GUANGDONG HOTTECH INDUS...
4435 HOTTECH-4435 Datasheet
606Kb / 5P
P-Channel MOSFET
logo
VBsemi Electronics Co.,...
4435 VBSEMI-4435 Datasheet
1,009Kb / 9P
P-Channel 30-V (D-S) MOSFET
logo
List of Unclassifed Man...
4435 ETC-4435 Datasheet
137Kb / 1P
DELAY MODULES,TTL,SURFACE MOUNTED
logo
SHENZHEN CHENGXINWEI TE...
4435 CXW-4435 Datasheet
1Mb / 5P
P-channel Enhancement Mode MOSFET
More results

Similar Description - 4435

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ARX4435N AEROFLEX-ARX4435N Datasheet
153Kb / 6P
ARX4435N Transceiver for Macair H009 Specification
CT3232 AEROFLEX-CT3232 Datasheet
103Kb / 8P
Low Power Driver /Receiver For MIL-STD-1553 & Macair
ACT4469D AEROFLEX-ACT4469D Datasheet
181Kb / 6P
Dual Variable Amplitude Transceivers for H009
ACT4444 AEROFLEX-ACT4444 Datasheet
213Kb / 10P
Transceiver for MIL-STD-1553 /MACAIR in a Chipscale Package
logo
List of Unclassifed Man...
SDM7101 ETC1-SDM7101 Datasheet
182Kb / 9P
Technical Specification for Optical Transceiver Module
logo
Aeroflex Circuit Techno...
ACT4435N AEROFLEX-ACT4435N Datasheet
118Kb / 6P
Standard Products ACT4435N Transceiver for H009 Specification
ACT4404N AEROFLEX-ACT4404N Datasheet
165Kb / 8P
Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
ACT4404N AEROFLEX-ACT4404N_07 Datasheet
165Kb / 9P
Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
logo
Fairchild Semiconductor
AN-5015 FAIRCHILD-AN-5015 Datasheet
204Kb / 6P
Transceiver and Specification Compliance
logo
Aeroflex Circuit Techno...
ACT4462D AEROFLEX-ACT4462D Datasheet
186Kb / 10P
Dual Transceiver Variable Amplitude Universal for H009 Specification or MacAir/1553/1760 Bus Operation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com