Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4435 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # 4435
Description  ARX4435 Transceiver for Macair H009 Specification
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

4435 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  4435 Datasheet HTML 1Page - Aeroflex Circuit Technology 4435 Datasheet HTML 2Page - Aeroflex Circuit Technology 4435 Datasheet HTML 3Page - Aeroflex Circuit Technology 4435 Datasheet HTML 4Page - Aeroflex Circuit Technology 4435 Datasheet HTML 5Page - Aeroflex Circuit Technology 4435 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Aeroflex Circuit Technology
SCD4435 REV B 2/3/99 Plainview NY (516) 694-6700
3
Absolute Maximum Ratings
Operating case temperature
-55°C to +125°C
Storage case temperature
-65°C to +150 °C
Power supply Voltages
±15 V P.S. to ±18V MAX
+5 V P.S. to +7V MAX
Logic input Voltage
-0.3 V to +5.5 V
Receiver differential input
±40 V
Receiver input voltage (common mode)
±10V
Driver peak output current
300 mA
Total package power dissipation over the full operating
case temperature range
3.8 Watts
Maximum junction to case temperature rise
(100 % duty cycle)
38°C
Junction-Case thermal resistance
10°C/W
Electrical Characteristics, Transmitter Section
Input Characteristics, TX DATA in or TX DATA in
Parameter
Condition
Symbol
Min
Typ
Max
Unit
“0” Input Current
VIN = 0.4 V
IILD
-0.2
-0.4
mA
“1” Input Current
VIN = 2.7 V
IIHD
1.0
40
µA
“0” Input Voltage
VIHD
0.7
V
“1” Input Voltage
VIHD
2.0
V
Inhibit Characteristics
"0" Input Current
VIN=0.4V
IILI
-0.2
-0.4
mA
"1" Input Current
VIN=2.7V
IIHI
1.0
40
µA
"0" Input Voltage
VILI
0.7
V
"1" Input Voltage
VIHI
2
V
Delay from TX inhibit(0¡1) to inhibited output
Note 1
tDXOFF
350
700
nS
Delay from TX inhibit, (1¡0) to active output
Note 1
tDXON
200
500
nS
Differential output noise, inhibit mode
VNOI
0.8
10
mV p-p
Differential output impedance (inhibited)
Note 2
ZOI
10K
Ω
Output Characteristics
Differential output level
RL=170 Ω
VO
17
21
24
V p-p
Rise and fall times
(10% to 90% of p-p output)
tr
200
300
nS
Output offset at point A-A on Figure 5, 2.5
µS after midpoint crossing of the last bit
RL=170 Ω
VOS
±265
mV peak
Delay from 50% point of TX DATA or
TX DATA input to zero crossing of differen-
tial signal. (note1)
tDTX
220
350
nS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com