Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4435 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # 4435
Description  ARX4435 Transceiver for Macair H009 Specification
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

4435 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  4435 Datasheet HTML 1Page - Aeroflex Circuit Technology 4435 Datasheet HTML 2Page - Aeroflex Circuit Technology 4435 Datasheet HTML 3Page - Aeroflex Circuit Technology 4435 Datasheet HTML 4Page - Aeroflex Circuit Technology 4435 Datasheet HTML 5Page - Aeroflex Circuit Technology 4435 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Aeroflex Circuit Technology
SCD4435 REV B 2/3/99 Plainview NY (516) 694-6700
5
Notes:
1. Characteristics guaranteed by design, not production tested.
2. Measured at 1mHz at point A-A’, power on or off.
3. Specifications apply over the temperature range of -55°C to +125°C (case temperature)
unless otherwise noted.
4. All typical values are measured at +25°C.
Figure 3 – Transmitter (TX) Output Wave form
Figure 4 – Transmitter (TX) Output offset
Figure 5 – Typical Transformer connection
Figure 6 – Power Dissipation vs. Duty Cycle
0
10
20
30
40
50
60
70
80
90 100
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
DUTY CYCLE, PERCENT
17V P-P MIN
24V P-P MAX
90%
10%
tr*
tf*
* Rise and fall times measured at point A-A’ in Fig 5
0 Volts
OUTPUT OFFSET
*
OUTPUT OFFSET
*
LAST BIT
2.5 µsec
*Offset measured at point A-A’ in Fig 5
N1:N2
A
A’
TX DATA OUT
TX DATA OUT
RX DATA IN
RX DATA IN
35
Ω
35
Ω
Transformer turns ratio:
N1:N2 = 1:1
Use Aeroflex 25T1553-1
0 volts
Magnified View
170
Ω
(TYPICAL)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com