Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4435 Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # 4435
Description  ARX4435 Transceiver for Macair H009 Specification
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

4435 Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  4435 Datasheet HTML 1Page - Aeroflex Circuit Technology 4435 Datasheet HTML 2Page - Aeroflex Circuit Technology 4435 Datasheet HTML 3Page - Aeroflex Circuit Technology 4435 Datasheet HTML 4Page - Aeroflex Circuit Technology 4435 Datasheet HTML 5Page - Aeroflex Circuit Technology 4435 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Aeroflex Circuit Technology
SCD4435 REV B 2/3/99 Plainview NY (516) 694-6700
6
Configurations and Ordering Information
Model No.
DESC No.
Receiver Data level
Case
Specs.
ARX4435
To Be Assigned
Normally High
Plug In
H009 Macair
ARX4435-FP
To Be Assigned
Normally High
Flat Pack
H009 Macair
ARX4435-701
-
Normally High
Plug In
H009 Macair
Commercial (0°C - 70°C)
The information contained in this data sheet is believed to be accurate; however, Aeroflex Laboratories Incorporated assumes no
responsibility for its use, and no license or rights are granted by implication or otherise in connection therewith.
1.27
MAX
24
13
12
FLAT PACKAGE
1.10
MAX
0.24
MIN
0.018 DIA.
±0.002
0.10 Typ
±0.002
1.27 MAX
0.080 ±0.015
0.009
±0.002
Notes 1. Dimensions shown are in inches.
2. Pins are equally spaced at 0.100±0.002 tolerance non-cumulative each row.
1.27 MAX
1.10
1.27 MAX
0.017
0.400
MAX
2 sides
PLUG-IN PACKAGE
0.100
0.167 for Low Profile Flat Pack
0.200 for Std Flat Pack
1. TX DATA OUT
2. TX DATA OUT
3. TX GND (+5V)
4. +15V (TX)
5. EXT. DATA THRES
6. INT. DATA THRES
7. RX DATA OUT
8. STROBE
9. RX GND (+5V)
10. RXDATA OUT
11. INT DATA THRES
12. EXT DATA THRES
13. +15V (RX)
14. N.C.
15. RX DATA IN
16. RX DATA IN
17. GND
18. CASE GND
19. -15V (RX)
20. +5V
21. TX INHIBIT
22. TX DATA IN
23. TX DATA IN
24. -15V (TX)
Pin Connections
Pin 1 & ESD
Designator
0.175
Pin 1 & ESD
Designator
Package Configurations and Pinouts
CIR C UIT TECHNOL OGY
Aeroflex Circuit Technology
35 South Service Road
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: (800) 843-1553
www.aeroflex.com
E-Mail: sales-act@aeroflex.com
Plainview New York 11803
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com