Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSP1027 Datasheet(PDF) 21 Page - Agere Systems

Part # CSP1027
Description  CSP1027 Voice Band Codec for Cellular Handset and Modem Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CSP1027 Datasheet(HTML) 21 Page - Agere Systems

Back Button CSP1027 Datasheet HTML 17Page - Agere Systems CSP1027 Datasheet HTML 18Page - Agere Systems CSP1027 Datasheet HTML 19Page - Agere Systems CSP1027 Datasheet HTML 20Page - Agere Systems CSP1027 Datasheet HTML 21Page - Agere Systems CSP1027 Datasheet HTML 22Page - Agere Systems CSP1027 Datasheet HTML 23Page - Agere Systems CSP1027 Datasheet HTML 24Page - Agere Systems CSP1027 Datasheet HTML 25Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
Lucent Technologies Inc.
21
Data Sheet
CSP1027 Voice Band Codec for
December 1999
Cellular Handset and Modem Applications
4 Architectural Information (continued)
Figure 22. Passive Communication and Connections
4.6.4 Passive I/O Configuration (SMODE[1:0] = 00)
The passive SIO configuration allows the user maxi-
mum flexibility in interfacing the CSP1027 to a variety
of system hardware configurations. It requires that the
user supply a serial input/output clock (IOCK) and per-
form data transfers at the sampling rate, fS. Serial data
transfers can be made to occur at the sampling rate by
applying a clock that is synchronous with the codec
clock, ICLK, to the SYNC pin or by polling the codec
STATUS flag, which indicates that the cdx(A/D) regis-
ter is full and the cdx(D/A) register is empty. The STA-
TUS flag appears on DO when the SADD pin selects a
control word.
Passive SIO is selected by setting both SMODE1 and
SMODE0 low. The input/output clock (IOCK) is an input
and the common input/output load, SYNC, (equivalent
to a DSP16A's ILD and OLD tied together) is also an
input. Serial data input (DI) is an input and serial data
output, DO, is an output. The serial address (SADD) is
an input, which determines if the transfer is to the con-
trol registers, cioc[0:3], or the data register, cdx(D/A).
A high-to-low transition of SYNC pin signal, latched by
the next rising edge of IOCK, initiates the start of an
input and output transaction. If the CSP1027's output
buffer, cdx(A/D), is full, it will be loaded into the output
shift register (osr) and shifted out on the DO pin. The
CSP1027 shifts in the data from the DI pin into its input
shift register (isr). A serial transmit address on the
SADD line is received simultaneously with data on the
DI line. If SADD is high for the first 15 bits, correspond-
ing to a zero serial transmit address, this causes the isr
to be latched into cdx(D/A) after 16 bits have been
shifted in. If SADD is low for any of the first 15 bits, cor-
responding to a nonzero transmit address, this causes
the isr to be latched into cioc[0:3] and also changes
the output data stream on DO to display the internal
codec STATUS flag. If SADD is low for any clock cycle,
while not involved in a serial transaction, the codec
STATUS flag is displayed on the DO pin until the next
data transfer.
An example of the passive SIO configuration is shown
in Figure 22. The DSP supplies both the serial clock
(IOCK) and the sampling synchronization signal to
SYNC, or polls the internal codec STATUS flag to
determine when a data transmission is needed. This
configuration allows the user maximum flexibility in
interfacing the CSP1027 to a variety of other system
hardware configurations.
A/D DATA
CLOCK
CONTROL/DATA ADDRESS
INPUT/OUTPUT LOAD
DSP
CSP1027
SMODE0
SMODE1
SMODE2
D/A DATA
5-7590 (F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com