Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSP1027 Datasheet(PDF) 41 Page - Agere Systems

Part # CSP1027
Description  CSP1027 Voice Band Codec for Cellular Handset and Modem Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CSP1027 Datasheet(HTML) 41 Page - Agere Systems

Back Button CSP1027 Datasheet HTML 37Page - Agere Systems CSP1027 Datasheet HTML 38Page - Agere Systems CSP1027 Datasheet HTML 39Page - Agere Systems CSP1027 Datasheet HTML 40Page - Agere Systems CSP1027 Datasheet HTML 41Page - Agere Systems CSP1027 Datasheet HTML 42Page - Agere Systems CSP1027 Datasheet HTML 43Page - Agere Systems CSP1027 Datasheet HTML 44Page - Agere Systems CSP1027 Datasheet HTML 45Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
Lucent Technologies Inc.
Data Sheet
CSP1027 Voice Band Codec for
December 1999
Cellular Handset and Modem Applications
41
7 Application Information (continued)
7.4.3 Printed-Circuit Board Layout Considerations
The following guidelines should be followed when designing the printed-circuit board layout for a crystal-based
application:
1. Keep crystal and external capacitors as close to XLO and XHI pins as possible to minimize board stray capaci-
tance.
2. Keep high-frequency digital signals such as CKO1 and CKO2 away from XLO and XHI traces to avoid coupling
into the oscillator.
7.4.4 LC Network Design for Third Overtone Crystal Circuits
For operating frequencies of greater than 30 MHz, it is usually cost advantageous to use a third overtone crystal as
opposed to a fundamental mode crystal. When using third overtone crystals, it is necessary, however, to filter out
the fundamental frequency so that the circuit will oscillate only at the third overtone. There are several techniques
that will accomplish this; one of these is described below.
Figure 35 shows the basic setup for third overtone operation.
Figure 35. Third Overtone Crystal Configuration
The parallel combination of L1 and C1 forms a resonant circuit with a resonant frequency between the first and third
harmonic of the crystal such that the LC network appears inductive at the fundamental frequency and capacitive at
the third harmonic. This ensures that a 360° phase shift around the oscillator loop will occur at the third overtone
frequency but not at the fundamental. The blocking capacitor, C3, provides dc isolation for the trap circuit and
should be chosen to be large compared to C1.
For example, suppose it is desired to operate with a 40 MHz, third overtone, crystal.
Let:
f3 = operating frequency of third overtone crystal (40 MHz in this example)
f1 = fundamental frequency of third overtone crystal, or f3/3 (13.3 MHz in this example)
fT = resonant frequency of trap =
C2 = external load capacitor (10 pF in this example)
C3 = dc blocking capacitor (0.1 µF in this example)
XLO
XHI
XTAL
C1
C2
C3
L1
5-7614 (F)
1
2
π L1C1
--------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com