Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSP1027 Datasheet(PDF) 46 Page - Agere Systems

Part # CSP1027
Description  CSP1027 Voice Band Codec for Cellular Handset and Modem Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CSP1027 Datasheet(HTML) 46 Page - Agere Systems

Back Button CSP1027 Datasheet HTML 42Page - Agere Systems CSP1027 Datasheet HTML 43Page - Agere Systems CSP1027 Datasheet HTML 44Page - Agere Systems CSP1027 Datasheet HTML 45Page - Agere Systems CSP1027 Datasheet HTML 46Page - Agere Systems CSP1027 Datasheet HTML 47Page - Agere Systems CSP1027 Datasheet HTML 48Page - Agere Systems CSP1027 Datasheet HTML 49Page - Agere Systems CSP1027 Datasheet HTML 50Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
CSP1027 Voice Band Codec for
Data Sheet
Cellular Handset and Modem Applications
December 1999
Lucent Technologies Inc.
46
7 Application Information (continued)
7.5.4 Enhanced Oversampling Clock Generation
If system constraints make the requirement of integer
multiples of 125 x the sampling rate (typically integer
multiples of 1.0 MHz) difficult to provide, the CSP1027
can also operate with the ICLK0 internal clock rate at
integer multiples of the sampling rate (typically integer
multiples of 8 kHz). See Section 4.5 on page 16 for
more information.
The following two examples illustrate the usage:
Application Example 4
s
Standard codec application.
s
CLK input clock rate: 2.048 MHz.
s
Codec sampling rate, fS: 8 kHz.
Solution:
s
CKOS = 125 x 8 kHz = 1.0 MHz, so CLK/CKOS =
2.048 or CLK/CKS = 2.048 x 125 = 256. Values of M
and N must be found to satisfy this requirement, as
shown below.
s
Set CDIV0 for ÷1 (CDIV0 = 0); hence, fICLK = fCLK.
s
Using the equations from Section 4.5 on page 16,
Hence, M = 2, S = 1, and N = 6. (Note that if CDIV0
set for ÷ 2, then M = 1, S = +1, and N = 3, which is
not allowed.)
s
Using Tables 2 through 4 on page 18:
CDIV3 = 00 0010.
CDIFS = 0.
CDIF0 = 01 0101.
CDIF1 = 10 0110.
CDIF2 = 0 0000.
Application Example 5
s
IS-54 application.
s
Codec sampling rate, fS: 8 kHz.
s
CLK needs to be a common multiple of 8 kHz and
48 x 48.6 kHz.
s
Need phase adjustment.
Solution:
s
48 x 48.6 = 2.3328E6
2.3328E6 ÷ 8E3 = 291.6
To get a common multiple, 291.6 must be multiplied
by a factor to become an integer: 291.6 x 10 = 2916
(an integer). So, CLK/CKS = 2916 and CLK/ICLK0 =
2 CLK = 2916 x 8E3 = 23.328E6.
s
CLK input clock rate: 23.328 MHz.
s
Set CDIV0 for ÷2 (CDIV0 = 1) to allow advance/
retard for phase adjustment.
s
ICLK0 internal clock rate is 11.664 MHz.
s
Using the equations from Section 4.5 on page 16,
Hence, M = 12, S = –1, and N = 42.
s
Using Tables 2 through 4 on page 18:
CDIV3 = 00 1100.
CDIFS = 1.
CDIF0 = 00 0011.
CDIF1 = 11 0110.
CDIF2 = 0 0000.
FICLK0
FS
-----------------
125
M
×
()
S2
×
()
+
=
FICLK0
FS
-----------------
2.048 MHz
8 kHz
------------------------------
256
125
2
×
()
16
×
()
+
==
=
FICLK0
FS
-----------------
11.664 MHz
8 kHz
---------------------------------
1458
125
12
×
()
1
–
42
×
()
+
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com