Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSP1027 Datasheet(PDF) 56 Page - Agere Systems

Part # CSP1027
Description  CSP1027 Voice Band Codec for Cellular Handset and Modem Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CSP1027 Datasheet(HTML) 56 Page - Agere Systems

Back Button CSP1027 Datasheet HTML 52Page - Agere Systems CSP1027 Datasheet HTML 53Page - Agere Systems CSP1027 Datasheet HTML 54Page - Agere Systems CSP1027 Datasheet HTML 55Page - Agere Systems CSP1027 Datasheet HTML 56Page - Agere Systems CSP1027 Datasheet HTML 57Page - Agere Systems CSP1027 Datasheet HTML 58Page - Agere Systems CSP1027 Datasheet HTML 59Page - Agere Systems CSP1027 Datasheet HTML 60Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
CSP1027 Voice Band Codec for
Data Sheet
Cellular Handset and Modem Applications
December 1999
Lucent Technologies Inc.
56
11 Timing Characteristics and Requirements (continued)
11.1 Clock Generation
* OSCEN = 0 shown.
† CDIV0 = 2, CDIV1 = 1 configuration shown (see Table 8 on page 27).
‡ CDIV2 = 4 option shown (see Table 8 on page 27).
Figure 39. Clock Timing Diagram
* Device is fully static, t1 is tested at 500 ns.
Table 24. Timing Requirements for Input Clock
Abbreviated
Reference
Parameter
5.0 V
3.3 V
3.0 V
Unit
Min
Max
Min
Max
Min
Max
t1
Clock In Period (high to high)
25
—*
42
—*
60
—*
ns
t2
Clock In Low Time (low to change)
11
—
19
—
27
—
ns
t3
Clock In High Time (high to change)
11
—
19
—
27
—
ns
Table 25. Timing Characteristics for Output Clocks
Abbreviated
Reference
Parameter
5.0 V
3.3 V
3.0 V
Unit
Min
Max
Min
Max
Min
Max
t7
Clock Out 1 Delay (valid to valid)
—
30
—
54
—
66
ns
t8
Clock Out 2 Delay (valid to valid)
—
20
—
40
—
50
ns
CLK*
VIH–
VIL–
t1
t3
t2
t7
t8
CKO1†
VOH–
VOL–
CKO2‡
VOH–
VOL–
5-7618 (F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com