Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWDB05V Datasheet(PDF) 13 Page - Seoul Semiconductor

Part # SWDB05V
Description  Side View LED of Reflector type
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWDB05V Datasheet(HTML) 13 Page - Seoul Semiconductor

Back Button SWDB05V Datasheet HTML 9Page - Seoul Semiconductor SWDB05V Datasheet HTML 10Page - Seoul Semiconductor SWDB05V Datasheet HTML 11Page - Seoul Semiconductor SWDB05V Datasheet HTML 12Page - Seoul Semiconductor SWDB05V Datasheet HTML 13Page - Seoul Semiconductor SWDB05V Datasheet HTML 14Page - Seoul Semiconductor SWDB05V Datasheet HTML 15Page - Seoul Semiconductor SWDB05V Datasheet HTML 16Page - Seoul Semiconductor SWDB05V Datasheet HTML 17Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
Rev. 00
Rev. 00
October, 2012
October, 2012
www.acrich.com
www.acrich.com
Document No. : QP-7-07-18 (Rev.00) 공통_을
[
[13
13 /19]
/19]
* Bin Code description
▷ Part Number : SWDB05V
Available ranks
Bin Code
Luminous
Intensity
CIE
Forward
Voltage
S24H
E20
Z28
Color Rank
@ I
F = 20mA
2
3
4
A20
A30
A40
B20
B30
B40
C20
C30
C40
D20
D30
D40
E20
E30
E40
F20
F30
F40
G20
G30
G40
H20
H30
H40
I20
I30
I40
J20
J30
J40
Forward Voltage (V)
@ I
F = 20mA
Bin
Code
Min.
Max.
Z26
2.6
2.8
Z28
2.8
3.0
Luminous Intensity
(mcd)
@ I
F = 20mA
Bin
Code
Min.
Max.
S24H
2400
2500
S25H
2500
2600
S26H
2600
2700
S27H
2700
2800
S28H
2800
2900
S29H
2900
3000
S30H
3000
3100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com