Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWDB05V Datasheet(PDF) 17 Page - Seoul Semiconductor

Part # SWDB05V
Description  Side View LED of Reflector type
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWDB05V Datasheet(HTML) 17 Page - Seoul Semiconductor

Back Button SWDB05V Datasheet HTML 11Page - Seoul Semiconductor SWDB05V Datasheet HTML 12Page - Seoul Semiconductor SWDB05V Datasheet HTML 13Page - Seoul Semiconductor SWDB05V Datasheet HTML 14Page - Seoul Semiconductor SWDB05V Datasheet HTML 15Page - Seoul Semiconductor SWDB05V Datasheet HTML 16Page - Seoul Semiconductor SWDB05V Datasheet HTML 17Page - Seoul Semiconductor SWDB05V Datasheet HTML 18Page - Seoul Semiconductor SWDB05V Datasheet HTML 19Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
Rev. 00
Rev. 00
October, 2012
October, 2012
www.acrich.com
www.acrich.com
Document No. : QP-7-07-18 (Rev.00) 공통_을
[
[17
17 /19]
/19]
2) Reel Packing Structure
3) Lot Number
The lot number is composed of the following characters
aaaaabbbbb-ccc-ccc-ddddddd
LOT NUMBER : aaaaabbbbb-ccc-ccc-ddddddd
SWFB07
SSC PART NUMBER : SMFB07
Material : Paper(SW3B(B))
SEOUL
Semiconductor EcoLight
245 (mm)
Acriche
RoHS
TUV
220 (mm)
MADE IN KOREA
TYPE
7inch
142 (mm)
SIZE (mm)
245
220
245
220
a
b
142
80
c
Reel
Barcode Label
QUANTITY : 3500
Outer Box Structure
XXXXXXXXXX
Humidity indicator
Desiccant
Aluminum Vinyl Bag
RANK :
LOT NUMBER : aaaaabbbbb-ddddddd
SWFB07
SSC PART NUMBER : SMFB07
Material : Paper(SW3B(B))
SEOUL
Box Label
QUANTITY : 3500
XXXXXXXXXX
RANK :
Symbol
Meaning
Example
aaaaa
THE DATE
09A23 (Year : 09, A : Month, 23 : day)
bbbbb
SSC’s Number
Ex) S0017
0001~9999 allowance
ccc-ccc
Order of Taping
014-001
ddddddd
SSC’s Number
7300024(Automatic)
LOT NUMBER : aaaaabbbbb-ccc-ccc-ddddddd
SSC PART NUMBER : SWDB05V
Material : Paper(SW3B(B))
XXXXXXXXXX
QUANTITY : 3500
Reel & Bag Label
RANK :
SWDB05V
SWDB05V
XXXXXXXXXX
M aterial : Paper(SW 3B(B))
Box Label
LOT NUM BER : aaaaabbbbb-ddddddd
SSC PART NUM BER : SW DB05V
QUANTITY : 3500
RANK :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com