Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWDB05V Datasheet(PDF) 6 Page - Seoul Semiconductor

Part # SWDB05V
Description  Side View LED of Reflector type
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWDB05V Datasheet(HTML) 6 Page - Seoul Semiconductor

Back Button SWDB05V Datasheet HTML 2Page - Seoul Semiconductor SWDB05V Datasheet HTML 3Page - Seoul Semiconductor SWDB05V Datasheet HTML 4Page - Seoul Semiconductor SWDB05V Datasheet HTML 5Page - Seoul Semiconductor SWDB05V Datasheet HTML 6Page - Seoul Semiconductor SWDB05V Datasheet HTML 7Page - Seoul Semiconductor SWDB05V Datasheet HTML 8Page - Seoul Semiconductor SWDB05V Datasheet HTML 9Page - Seoul Semiconductor SWDB05V Datasheet HTML 10Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
Rev. 00
Rev. 00
October, 2012
October, 2012
www.acrich.com
www.acrich.com
Document No. : QP-7-07-18 (Rev.00) 공통_을
[
[6
6 /19]
/19]
y
x
Forward Current vs. Forward Voltage
Intensity vs. Forward Current
Color Coordinate vs. Forward Current
Radiation Diagram
4. Characteristic Diagram
y
x
-100 -80 -60 -40 -20
0
20
40
60
80 100
0.0
0.5
1.0
Ta = 25
OC
x axis
y axis
Radiation angle [deg.]
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
1
10
100
Ta = 25
OC
Forward Voltage [V]
0
20
40
60
80
100
0
100
200
300
400
500
Ta = 25
OC
Forward Current [mA]
0.2800
0.2805
0.2810
0.2815
0.2820
0.2524
0.2528
0.2532
0.2536
0.2540
0.2544
1 mA
100 mA
10 mA
20 mA
30 mA
Ta = 25
OC
Color coordinate x
5 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com