Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWDB05V Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # SWDB05V
Description  Side View LED of Reflector type
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWDB05V Datasheet(HTML) 5 Page - Seoul Semiconductor

  SWDB05V Datasheet HTML 1Page - Seoul Semiconductor SWDB05V Datasheet HTML 2Page - Seoul Semiconductor SWDB05V Datasheet HTML 3Page - Seoul Semiconductor SWDB05V Datasheet HTML 4Page - Seoul Semiconductor SWDB05V Datasheet HTML 5Page - Seoul Semiconductor SWDB05V Datasheet HTML 6Page - Seoul Semiconductor SWDB05V Datasheet HTML 7Page - Seoul Semiconductor SWDB05V Datasheet HTML 8Page - Seoul Semiconductor SWDB05V Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
Rev. 00
Rev. 00
October, 2012
October, 2012
www.acrich.com
www.acrich.com
Document No. : QP-7-07-18 (Rev.00) 공통_을
[
[5
5 /19]
/19]
2. Absolute maximum ratings
Parameter
Symbol
Value
Unit
Power Dissipation
P
d
*1
90
mW
DC Forward Current
I
F
30
mA
Peak Forward Current
I
FM
*2
100
mA
Reverse Voltage
V
R
5
V
Operating Temperature
T
opr
-30 ~ +85
ºC
Storage Temperature
T
stg
-40 ~ +100
ºC
Junction Temperature
Tj max
105
ºC
*1 Care is to be taken that power dissipation does not exceed the absolute maximum rating of the product.
*2 I
FM was measured at TW ≤ 0.1msec of pulse width and D ≤ 1/10 of duty ratio.
3. Electro-Optical characteristics
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Forward
Voltage*1
Rank Z26
V
F
I
F =20mA
2.6
-
2.8
V
Rank Z28
2.8
-
3.0
Reverse Voltage
V
R
I
R= 3A
0.6
0.9
V
Luminous
Intensity*2
Rank S24H
I
V
I
F =20mA
2400
-
2500
mcd
Rank S25H
2500
-
2600
Rank S26H
2600
-
2700
Rank S27H
2700
-
2800
Rank S28H
2800
-
2900
Rank S29H
2900
-
3000
Rank S30H
3000
-
3100
Viewing Angle *3
2
½
I
F =20mA
120
deg.
Thermal Resistance
Rth(j-s)*4
140
ºC/W
Electro-Static Discharge Threshold
ESD
(HBM)
±5,000
V
(T
a = 25℃)
(T
a = 25℃)
*1 Forward voltage measurement allowance is ±0.1V
*2 The luminous intensity I
V is measured at the peak of the spatial pattern which may not be aligned with the
mechanical axis of
the LED package. Luminous Intensity Measurement allowance is ±10%.
*3 2
1/2 is the off-axis where the luminous intensity is 1/2 of the peak intensity.
[Note] All measurements were made under the standardized environment of SSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com