Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWDB05V Datasheet(PDF) 16 Page - Seoul Semiconductor

Part # SWDB05V
Description  Side View LED of Reflector type
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWDB05V Datasheet(HTML) 16 Page - Seoul Semiconductor

Back Button SWDB05V Datasheet HTML 11Page - Seoul Semiconductor SWDB05V Datasheet HTML 12Page - Seoul Semiconductor SWDB05V Datasheet HTML 13Page - Seoul Semiconductor SWDB05V Datasheet HTML 14Page - Seoul Semiconductor SWDB05V Datasheet HTML 15Page - Seoul Semiconductor SWDB05V Datasheet HTML 16Page - Seoul Semiconductor SWDB05V Datasheet HTML 17Page - Seoul Semiconductor SWDB05V Datasheet HTML 18Page - Seoul Semiconductor SWDB05V Datasheet HTML 19Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
Rev. 00
Rev. 00
October, 2012
October, 2012
www.acrich.com
www.acrich.com
Document No. : QP-7-07-18 (Rev.00) 공통_을
[
[16
16 /19]
/19]
(1) Quantity : 3500pcs/Reel
(2) Cumulative Tolerance : Cumulative Tolerance/10 pitches to be ±0.2mm
(3) Adhesion Strength of Cover Tape : Adhesion strength to be 0.1-0.7N when the cover tape is turned
off from the carrier tape at the angle of 10º to the carrier tape
(4) Package : P/N, Manufacturing data Code No. and quantity to be indicated on a damp proof Package
9. Packing
1) Reel & Carrier
( Tolerance: ±0.2, Unit: mm )
Label
180
13
±0.3
22
2 ±0.2
15.4
13
+0
-3
+0.2
-0
±1.0
+0.1
-0
4.0 ±0.1
SECTION B-B'
2.0 ±0.05
4.0 ± 0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com