Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR28051 Datasheet(PDF) 2 Page - Agere Systems

Part # TMPR28051
Description  TMPR28051 STS-1/AU-3 (STM-0) Mapper Device Advisory for Version 5 of the Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TMPR28051 Datasheet(HTML) 2 Page - Agere Systems

  TMPR28051 Datasheet HTML 1Page - Agere Systems TMPR28051 Datasheet HTML 2Page - Agere Systems TMPR28051 Datasheet HTML 3Page - Agere Systems TMPR28051 Datasheet HTML 4Page - Agere Systems TMPR28051 Datasheet HTML 5Page - Agere Systems TMPR28051 Datasheet HTML 6Page - Agere Systems TMPR28051 Datasheet HTML 7Page - Agere Systems TMPR28051 Datasheet HTML 8Page - Agere Systems TMPR28051 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 90 page
background image
Lucent Technologies Inc. reserves the right to make changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or application. No
rights under any patent accompany the sale of any such product(s) or information.
Copyright © 1999 Lucent Technologies Inc.
All Rights Reserved
August 5, 1999
AY99-025SONT (Must accompany DS99-068SONT)
For additional information, contact your Microelectronics Group Account Manager or the following:
INTERNET:
http://www.lucent.com/micro
E-MAIL:
docmaster@micro.lucent.com
N. AMERICA:
Microelectronics Group, Lucent Technologies Inc., 555 Union Boulevard, Room 30L-15P-BA, Allentown, PA 18103
1-800-372-2447, FAX 610-712-4106 (In CANADA: 1-800-553-2448, FAX 610-712-4106)
ASIA PACIFIC: Microelectronics Group, Lucent Technologies Singapore Pte. Ltd., 77 Science Park Drive, #03-18 Cintech III, Singapore 118256
Tel. (65) 778 8833, FAX (65) 777 7495
CHINA:
Microelectronics Group, Lucent Technologies (China) Co., Ltd., A-F2, 23/F, Zao Fong Universe Building, 1800 Zhong Shan Xi Road, Shanghai
200233 P. R. China Tel. (86) 21 6440 0468, ext. 316, FAX (86) 21 6440 0652
JAPAN:
Microelectronics Group, Lucent Technologies Japan Ltd., 7-18, Higashi-Gotanda 2-chome, Shinagawa-ku, Tokyo 141, Japan
Tel. (81) 3 5421 1600, FAX (81) 3 5421 1700
EUROPE:
Data Requests: MICROELECTRONICS GROUP DATALINE: Tel. (44) 7000 582 368, FAX (44) 1189 328 148
Technical Inquiries: GERMANY: (49) 89 95086 0 (Munich), UNITED KINGDOM: (44) 1344 865 900 (Ascot),
FRANCE: (33) 1 40 83 68 00 (Paris), SWEDEN: (46) 8 594 607 00 (Stockholm), FINLAND: (358) 9 4354 2800 (Helsinki),
ITALY: (39) 02 6608131 (Milan), SPAIN: (34) 1 807 1441 (Madrid)
TMPR28051 STS-1/AU-3 (STM-0) Mapper
Advisory
Device Advisory for Version 5 of the Device
August 5, 1999
Error Insertion (EI) (continued)
EI-3. False S-BIP, L-BIP, and P-BIP Error Insertion
The device transmits S-BIP, L-BIP, and P-BIP errors when configured for automatic insertion of REI, and certain
STS-1 error conditions such as LOS, LOF, LOP-P, S-BIP, L-BIP, and P-BIP are inserted.
VT Alarms (VT)
VT-1. VT Path Payload Label Mismatch
The device reports PLM-V when it detects three consecutive consistent new values for the VT label. This is in com-
pliance with G.783 Section 2.2.2.7 and T1.231 Section 8.1.3.5.2.4.2 specifications, but is not compliant with
GR-253 Section 6.2.1.1.8.C.
VT-2. Failure in the Detection of VT Loss of Pointer Defects
The device also apparently fails to detect an LOP-V defect when it continuously receives a VT pointer word of
6C68 (i.e., a value indicating a VT1.5 with an offset of 104 bytes, versus a maximum valid offset of 103 bytes). In
this case, the device inserts the required DS1 AIS downstream, but does not subsequently declare an LOP-V fail-
ure (nonconformance to GR 253, R6-71).
VT-3. Inappropriate Termination of VT Loss of Pointer Defect Condition
After the device has detected an LOP-V defect, it inappropriately terminates that defect upon receiving two pointer
words containing the same value as the previous valid pointer. According to GR 253, an LOP-V defect must not be
terminated unless a valid pointer is received in three consecutive VT superframes (nonconformance to GR 253,
R6-75).
VT-4. Inappropriate Termination of VT Alarm Indication Signal Defect Condition
After the device has detected an AIS-V defect, it inappropriately terminates that defect upon receiving two pointer
words containing the same value as the previous valid pointer and without a set NDF (e.g., with the N bits set to
0110). According to GR 253, an AIS-V defect must not be terminated unless a normal valid pointer is received in
three consecutive VT superframes, or a valid pointer with a set NDF is received in one VT superframe (nonconfor-
mance to GR 253, R6-183).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com