Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR28051 Datasheet(PDF) 21 Page - Agere Systems

Part # TMPR28051
Description  TMPR28051 STS-1/AU-3 (STM-0) Mapper Device Advisory for Version 5 of the Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TMPR28051 Datasheet(HTML) 21 Page - Agere Systems

Back Button TMPR28051 Datasheet HTML 17Page - Agere Systems TMPR28051 Datasheet HTML 18Page - Agere Systems TMPR28051 Datasheet HTML 19Page - Agere Systems TMPR28051 Datasheet HTML 20Page - Agere Systems TMPR28051 Datasheet HTML 21Page - Agere Systems TMPR28051 Datasheet HTML 22Page - Agere Systems TMPR28051 Datasheet HTML 23Page - Agere Systems TMPR28051 Datasheet HTML 24Page - Agere Systems TMPR28051 Datasheet HTML 25Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
Data Sheet
August 1999
TMPR28051 STS-1/AU-3 (STM-0) Mapper
7
Lucent Technologies Inc.
Pin Information (continued)
Table 1. Pin Descriptions
* Iu indicates an internal pull-up; Id indicates an internal pull-down. All I/O not explicitly stated with a buffer type are 5 V TTL compatible; they will
tolerate 5 V at their inputs.
Pin
Symbol
Type*
Name/Description
47, 39, 38, 30,
29, 20, 19, 11,
10, 3, 206, 199,
198, 190, 175,
167, 166, 159,
154, 146, 145,
137, 136, 127,
126, 117, 115,
107
TCLK[1:28]
O
Transmit DS1/E1 Clock. DS1/E1 clock output. E1 signals can only
occupy TCLK[1:21].
46, 41, 37, 32,
28, 22, 18, 13, 9,
4, 205, 200, 197,
191, 174, 169,
165, 160, 153,
147, 143, 138,
134, 128, 124,
118, 114, 108
TDATA[1:28]
O
Transmit DS1/E1 Data. Transmit data output. E1 signals can only
occupy TDATA[1:21].
45, 42, 36, 33,
27, 23, 17, 14, 8,
5, 204, 201, 195,
192, 173, 170,
164, 161, 152,
148, 142, 139,
133, 129, 123,
119, 113, 109
RCLK[1:28]
Iu
Receive DS1/E1 Clock. Receive clock input. These pins have an
internal 20 k
Ω pull-up resistor. E1 signals can only occupy RCLK[1:21].
44, 43, 35, 34,
25, 24, 16, 15, 7,
6, 203, 202, 194,
193, 172, 171,
163, 162, 151,
149, 141, 140,
132, 131, 122,
120, 112, 110
RDATA[1:28]
Iu
Receive DS1/E1 Data. Receive data input. These pins have an inter-
nal 20 k
Ω pull-up resistor. E1 signals can only occupy RDATA[1:21].
102
DS1_E1N
I
DS1/E1 Input Identifier. If this pin is pulled high, the device will default
to DS1 to STS-1 mode and transmit 0s in the unused overhead bytes
and 00 in the SS bits of H1. If pulled low, the device will default to E1 to
AU-3 mode and transmit 1s in the unused overhead bytes and 10 in
the SS bits of H1. This default selection can be overridden by setting
TOVERRIDE and ROVERRIDE bits in registers 0x88 (bit 0) and 0x89
(bit 0), respectively. The seven VT Groups can then be individually pro-
grammed to carry either DS1 (TVTG-1. . . 7 = 1, RVTG-1. . . 7 = 1) or
E1 (TVTG-1. . . 7 = 0, RVTG-1. . . 7 = 0) signals.
101
DS1BLUECLK
I
DS1 Blue Signal Clock. In the event of a loss of input DS1 clock or an
unprovisioned DS1 output, this clock signal is used to generate the
DS1 blue signal (all 1s). This clock must be 1.544 MHz ± 32 ppm or 16
times this rate when using the digital jitter attenuator.
208
E1BLUECLK
I
E1 Blue Signal Clock. In the event of a loss of input E1 clock or an
unprovisioned E1 output, this clock signal is used to generate the E1
blue signal (all 1s). This clock must be 2.048 MHz ± 50 ppm or 16
times this rate when using the digital jitter attenuator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com