Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR28051 Datasheet(PDF) 39 Page - Agere Systems

Part # TMPR28051
Description  TMPR28051 STS-1/AU-3 (STM-0) Mapper Device Advisory for Version 5 of the Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TMPR28051 Datasheet(HTML) 39 Page - Agere Systems

Back Button TMPR28051 Datasheet HTML 35Page - Agere Systems TMPR28051 Datasheet HTML 36Page - Agere Systems TMPR28051 Datasheet HTML 37Page - Agere Systems TMPR28051 Datasheet HTML 38Page - Agere Systems TMPR28051 Datasheet HTML 39Page - Agere Systems TMPR28051 Datasheet HTML 40Page - Agere Systems TMPR28051 Datasheet HTML 41Page - Agere Systems TMPR28051 Datasheet HTML 42Page - Agere Systems TMPR28051 Datasheet HTML 43Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
Data Sheet
August 1999
TMPR28051 STS-1/AU-3 (STM-0) Mapper
25
Lucent Technologies Inc.
Microprocessor Interface Description (continued)
Register Architecture Map (continued)
Table 14. Device Register Map (continued)
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
VT Drop Selection Registers
33 00110011
0
RXESOF1
TXESOF1
VTDROP4_1
VTDROP3_1
VTDROP2_1
VTDROP1_1
VTDROP0_1
34 00110100
0
RXESOF2
TXESOF2
VTDROP4_2
VTDROP3_2
VTDROP2_2
VTDROP1_2
VTDROP0_2
35 00110101
0
RXESOF3
TXESOF3
VTDROP4_3
VTDROP3_3
VTDROP2_3
VTDROP1_3
VTDROP0_3
36 00110110
0
RXESOF4
TXESOF4
VTDROP4_4
VTDROP3_4
VTDROP2_4
VTDROP1_4
VTDROP0_4
37 00110111
0
RXESOF5
TXESOF5
VTDROP4_5
VTDROP3_5
VTDROP2_5
VTDROP1_5
VTDROP0_5
38 00111000
0
RXESOF6
TXESOF6
VTDROP4_6
VTDROP3_6
VTDROP2_6
VTDROP1_6
VTDROP0_6
39 00111001
0
RXESOF7
TXESOF7
VTDROP4_7
VTDROP3_7
VTDROP2_7
VTDROP1_7
VTDROP0_7
3A 00111010
0
RXESOF8
TXESOF8
VTDROP4_8
VTDROP3_8
VTDROP2_8
VTDROP1_8
VTDROP0_8
3B 00111011
0
RXESOF9
TXESOF9
VTDROP4_9
VTDROP3_9
VTDROP2_9
VTDROP1_9
VTDROP0_9
3C 00111100
0
RXESOF10
TXESOF10
VTDROP4_10 VTDROP3_10 VTDROP2_10 VTDROP1_10 VTDROP0_10
3D 00111101
0
RXESOF11
TXESOF11
VTDROP4_11 VTDROP3_11 VTDROP2_11 VTDROP1_11 VTDROP0_11
3E 00111110
0
RXESOF12
TXESOF12
VTDROP4_12 VTDROP3_12 VTDROP2_12 VTDROP1_12 VTDROP0_12
3F 00111111
0
RXESOF13
TXESOF13
VTDROP4_13 VTDROP3_13 VTDROP2_13 VTDROP1_13 VTDROP0_13
40 01000000
0
RXESOF14
TXESOF14
VTDROP4_14 VTDROP3_14 VTDROP2_14 VTDROP1_14 VTDROP0_14
41 01000001
0
RXESOF15
TXESOF15
VTDROP4_15 VTDROP3_15 VTDROP2_15 VTDROP1_15 VTDROP0_15
42 01000010
0
RXESOF16
TXESOF16
VTDROP4_16 VTDROP3_16 VTDROP2_16 VTDROP1_16 VTDROP0_16
43 01000011
0
RXESOF17
TXESOF17
VTDROP4_17 VTDROP3_17 VTDROP2_17 VTDROP1_17 VTDROP0_17
44 01000100
0
RXESOF18
TXESOF18
VTDROP4_18 VTDROP3_18 VTDROP2_18 VTDROP1_18 VTDROP0_18
45 01000101
0
RXESOF19
TXESOF19
VTDROP4_19 VTDROP3_19 VTDROP2_19 VTDROP1_19 VTDROP0_19
46 01000110
0
RXESOF20
TXESOF20
VTDROP4_20 VTDROP3_20 VTDROP2_20 VTDROP1_20 VTDROP0_20
47 01000111
0
RXESOF21
TXESOF21
VTDROP4_21 VTDROP3_21 VTDROP2_21 VTDROP1_21 VTDROP0_21
48 01001000
0
RXESOF22
TXESOF22
VTDROP4_22 VTDROP3_22 VTDROP2_22 VTDROP1_22 VTDROP0_22
49 01001001
0
RXESOF23
TXESOF23
VTDROP4_23 VTDROP3_23 VTDROP2_23 VTDROP1_23 VTDROP0_23
4A 01001010
0
RXESOF24
TXESOF24
VTDROP4_24 VTDROP3_24 VTDROP2_24 VTDROP1_24 VTDROP0_24
4B 01001011
0
RXESOF25
TXESOF25
VTDROP4_25 VTDROP3_25 VTDROP2_25 VTDROP1_25 VTDROP0_25
4C 01001100
0
RXESOF26
TXESOF26
VTDROP4_26 VTDROP3_26 VTDROP2_26 VTDROP1_26 VTDROP0_26
4D 01001101
0
RXESOF27
TXESOF27
VTDROP4_27 VTDROP3_27 VTDROP2_27 VTDROP1_27 VTDROP0_27
4E 01001110
0
RXESOF28
TXESOF28
VTDROP4_28 VTDROP3_28 VTDROP2_28 VTDROP1_28 VTDROP0_28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com