Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR28051 Datasheet(PDF) 22 Page - Agere Systems

Part # TMPR28051
Description  TMPR28051 STS-1/AU-3 (STM-0) Mapper Device Advisory for Version 5 of the Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TMPR28051 Datasheet(HTML) 22 Page - Agere Systems

Back Button TMPR28051 Datasheet HTML 18Page - Agere Systems TMPR28051 Datasheet HTML 19Page - Agere Systems TMPR28051 Datasheet HTML 20Page - Agere Systems TMPR28051 Datasheet HTML 21Page - Agere Systems TMPR28051 Datasheet HTML 22Page - Agere Systems TMPR28051 Datasheet HTML 23Page - Agere Systems TMPR28051 Datasheet HTML 24Page - Agere Systems TMPR28051 Datasheet HTML 25Page - Agere Systems TMPR28051 Datasheet HTML 26Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 90 page
background image
Data Sheet
TMPR28051 STS-1/AU-3 (STM-0) Mapper
August 1999
8
Lucent Technologies Inc.
Pin Information (continued)
Table 1. Pin Descriptions (continued)
* Iu indicates an internal pull-up; Id indicates an internal pull-down. All I/O not explicitly stated with a buffer type are 5 V TTL compatible; they will
tolerate 5 V at their inputs.
Pin
Symbol
Type*
Name/Description
179
MPMUX
I
Microprocessor Multiplex Mode. Setting MPMUX = 1 allows the micropro-
cessor interface to accept the multiplexed address and data signals. Setting
MPMUX = 0 allows the microprocessor interface to accept demultiplexed
(separate) address and data signals.
180
MPMODE
I
Microprocessor Mode. When MPMODE = 1, the device uses the address
latch enable type microprocessor read/write protocol with separate read and
write controls. Setting MPMODE = 0 allows the device to use the address
strobe type microprocessor read/write protocol with a separate data strobe
and a combined read/write control.
181
RD_R/W
I
Read (Active-Low). If MPMODE = 1, this pin is asserted low by the micropro-
cessor to initiate a read cycle.
Read/Write. If MPMODE = 0, this pin is asserted high by the microprocessor
to indicate a read cycle or asserted low to indicate a write cycle.
178
ALE_AS
I
Address Latch Enable. If MPMODE = 1, this pin becomes the address latch
enable for the microprocessor. When this pin transitions from high to low, the
address bus inputs are latched into the internal registers.
Address Strobe (Active-Low). If MPMODE = 0, this pin becomes the
address strobe for the microprocessor. When this pin transitions from high to
low, the address bus inputs are latched into the internal registers.
87
CS
Iu
Chip Select (Active-Low). This pin is asserted low by the microprocessor to
enable the microprocessor interface (see Microprocessor Configuration
Modes section on page20). This pin has an internal 100 k
Ω pull-up resistor.
86
INT
O
Interrupt. This pin is asserted high to indicate an interrupt produced by an
alarm condition in register 3 or 5. The activation of this pin can be masked by
microprocessor registers 4 and 6.
183
RDY_DTACK
O
Ready. If MPMODE = 1, this pin is asserted high to indicate the device has
completed a read or write operation. This pin is in a high-impedance state
when CS is high.
Data Transfer Acknowledge (Active-Low). If MPMODE = 0, this pin is
asserted low to indicate the device has completed a read or write operation.
48—50,
55—59
AD[7:0]
I/O
Microprocessor Interface Address/Data Bus. If MPMUX = 0, these pins
become the bidirectional, 3-statable data bus. If MPMUX = 1, these pins
become the multiplexed address/data bus.
60—64,
66—68
A[7:0]
I
Microprocessor Interface Address. If MPMUX = 0, these pins become the
address bus for the microprocessor interface registers.
176
WR_DS
I
Write (Active-Low). If MPMODE = 1, this pin is asserted low by the micro-
processor to initiate a write cycle.
Data Strobe (Active-Low). If MPMODE = 0, this pin becomes the data
strobe for the microprocessor. When R/W = 0 (write), a low applied to this pin
latches the signal on the data bus into internal registers.
106
RESET
Iu
Hardware Reset (Active-Low). If RESET is forced low, all internal states in
the transceiver paths are reset and data flow through each channel will be
interrupted (see Device-Level Control, Alarm, and Mask Bits (0x00—0x16)
section on page37). This pin has an internal 20 k
Ω pull-up resistor.
184
TCK
Iu
Boundary-Scan Clock. This pin has an internal 20 k
Ω pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com