Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR28051 Datasheet(PDF) 68 Page - Agere Systems

Part # TMPR28051
Description  TMPR28051 STS-1/AU-3 (STM-0) Mapper Device Advisory for Version 5 of the Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TMPR28051 Datasheet(HTML) 68 Page - Agere Systems

Back Button TMPR28051 Datasheet HTML 64Page - Agere Systems TMPR28051 Datasheet HTML 65Page - Agere Systems TMPR28051 Datasheet HTML 66Page - Agere Systems TMPR28051 Datasheet HTML 67Page - Agere Systems TMPR28051 Datasheet HTML 68Page - Agere Systems TMPR28051 Datasheet HTML 69Page - Agere Systems TMPR28051 Datasheet HTML 70Page - Agere Systems TMPR28051 Datasheet HTML 71Page - Agere Systems TMPR28051 Datasheet HTML 72Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 90 page
background image
Data Sheet
TMPR28051 STS-1/AU-3 (STM-0) Mapper
August 1999
54
Lucent Technologies Inc.
Microprocessor Interface Description (continued)
Register Architecture Description (continued)
Digital Jitter Attenuator Controls (0x8A—0x8F)
Table 24. Registers 0x8A—0x8F: Digital Jitter Attenuator Controls
Address
(Hex)
Bit #
Name
Function
Reset
Default
(Hex)
0x8A—0x8F
—
—
The bits in registers 0x8A—0x8F are used to control vari-
ous aspects of the digital jitter attenuator. Two programma-
ble terms are used to set the 2nd order loop damping factor
and natural frequency of the PLL. These terms are the gain
threshold, set by DJAGTHR-[23:0] in registers
0x8D—0x8F, and scale value, set by DJASCALE-[15:0] in
registers 0x8B—0x8C. The PLL bandwidth can be set,
using the above registers, to accommodate various system
constraints.
See
below.
0x8A
7—0
SCALETHR-[7:0] Scale Threshold.
0xFF
0x8B
7—0
DJASCALE-[15:8] Scale Value.
0x0F
0x8C
7—0
DJASCALE-[7:0]
0xCA
0x8D
7—0
DJAGTHR-[23:16]
Gain Threshold.
0x00
0x8E
7—0
DJAGTHR-[15:8]
0xFE
0x8F
7—0
DJAGTHR-[7:0]
0x50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com