Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5535BKBCZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD5535BKBCZ
Description  32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5535BKBCZ Datasheet(HTML) 5 Page - Analog Devices

  AD5535BKBCZ Datasheet HTML 1Page - Analog Devices AD5535BKBCZ Datasheet HTML 2Page - Analog Devices AD5535BKBCZ Datasheet HTML 3Page - Analog Devices AD5535BKBCZ Datasheet HTML 4Page - Analog Devices AD5535BKBCZ Datasheet HTML 5Page - Analog Devices AD5535BKBCZ Datasheet HTML 6Page - Analog Devices AD5535BKBCZ Datasheet HTML 7Page - Analog Devices AD5535BKBCZ Datasheet HTML 8Page - Analog Devices AD5535BKBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
AD5535B
Rev. A | Page 5 of 16
TIMING CHARACTERISTICS
VPP = 210 V; V+ = +5 V; AVCC = 5.25 V; DVCC = 2.7 V to 5.25 V; AGND = DGND = DAC_GND = 0 V; REF_IN = 4.096 V. All specifications TMIN
to TMAX, unless otherwise noted.
Table 2.
Parameter1, 2, 3
A Grade
Unit
Test Conditions/Comments
fUPDATE
1.2
MHz max
Channel update rate
fCLKIN
30
MHz max
SCLK frequency
t1
13
ns min
SCLK high pulse width
t2
13
ns min
SCLK low pulse width
t3
15
ns min
SYNC falling edge to SCLK falling edge setup time
t4
50
ns min
SYNC low time
t5
10
ns min
SYNC high time
t6
10
ns min
DIN setup time
t7
5
ns min
DIN hold time
t8
200
ns min
19th SCLK falling edge to SYNC falling edge for next write
t9
20
ns min
RESET pulse width
1
See Figure 2.
2
Guaranteed by design and characterization, not production tested.
3
All input signals are specified with tr = tf = 5 ns (10% to 90% of DVCC) and timed from a voltage level of (VIL + VIH)/2.
Figure 2. Serial Interface Timing Diagram
1
LSB
16
17
18
19
MSB
1
RESET
2
3
4
5
t8
t7
t6
t4
t9
DIN
SYNC
SCLK
t5
t3
t2
t1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com