Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5535BKBCZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD5535BKBCZ
Description  32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5535BKBCZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5535BKBCZ Datasheet HTML 6Page - Analog Devices AD5535BKBCZ Datasheet HTML 7Page - Analog Devices AD5535BKBCZ Datasheet HTML 8Page - Analog Devices AD5535BKBCZ Datasheet HTML 9Page - Analog Devices AD5535BKBCZ Datasheet HTML 10Page - Analog Devices AD5535BKBCZ Datasheet HTML 11Page - Analog Devices AD5535BKBCZ Datasheet HTML 12Page - Analog Devices AD5535BKBCZ Datasheet HTML 13Page - Analog Devices AD5535BKBCZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD5535B
Data Sheet
Rev. A | Page 10 of 16
Figure 10. Output Amplifier Source and Sink Capability
Figure 11. Offset Error vs. Temperature
Figure 12. Gain Error vs. Temperature
Figure 13. Cumulative DC Crosstalk Effects on a Single-Channel Output,
Switching All Other Channels in Sequence
Figure 14. Settling Time vs. Capacitive Load
0
–5
2
SOURCE/SINK CURRENT (mA)
140
120
100
80
60
40
20
–4
–3
–2
–1
0
1
VPP = 210V
V+ = AVCC = +5.25V
REF_IN = 4.096V
VOUT = 70V
TA = 25°C
12.0
8.0
–10
TEMPERATURE (°C)
11.5
11.0
10.5
10.0
9.5
9.0
8.5
0
10
20
30
40
50
60
70
80
VPP = 210V
V+ = AVCC = +5.25V
REF_IN = 4.096V
–1.0
–1.5
–10
TEMPERATURE (°C)
0
10
20
30
40
50
60
70
80
–1.1
–1.2
–1.3
–1.4
VPP = 210V
V+ = AVCC = +5.25V
REF_IN = 4.096V
0.04
–0.04
0
30
CHANNEL NUMBER
0.03
0.02
0.01
0
–0.01
–0.02
–0.03
5
10
15
20
25
VPP = 210V
V+ = AVCC = +5.25V
REF_IN = 4.096V
TA = 25°C
VICTIM CHANNEL = 31
VOUT31 = MIDSCALE
FULL-SCALE TRANSITION ON
OTHER CHANNELS IN SEQUENCE.
180
0
0
0.10
TIME (ms)
160
140
120
100
80
60
40
20
0.02
0.04
0.06
0.08
0pF
100pF
200pF
VPP = 210V
V+ = AVCC = +5.25V
REF_IN = 4.096V
TA = 25°C
1/4 FULL-SCALE TO
3/4 FULL-SCALE STEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com