Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5535BKBCZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD5535BKBCZ
Description  32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5535BKBCZ Datasheet(HTML) 3 Page - Analog Devices

  AD5535BKBCZ Datasheet HTML 1Page - Analog Devices AD5535BKBCZ Datasheet HTML 2Page - Analog Devices AD5535BKBCZ Datasheet HTML 3Page - Analog Devices AD5535BKBCZ Datasheet HTML 4Page - Analog Devices AD5535BKBCZ Datasheet HTML 5Page - Analog Devices AD5535BKBCZ Datasheet HTML 6Page - Analog Devices AD5535BKBCZ Datasheet HTML 7Page - Analog Devices AD5535BKBCZ Datasheet HTML 8Page - Analog Devices AD5535BKBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
AD5535B
Rev. A | Page 3 of 16
SPECIFICATIONS
VPP = 215 V; V+ = 5 V; AVCC = 5.25 V; DVCC = 2.7 V to 5.25 V; PGND = AGND = DGND = DAC_GND = 0 V; REF_IN = 4.096 V;
all outputs unloaded. All specifications TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter1
K Grade2
Unit
Test Conditions/Comments
Min
Typ
Max
DC PERFORMANCE3
Resolution
14
Bits
Integral Nonlinearity (INL)
±0.1
% of FSR
Differential Nonlinearity (DNL)
–1
±0.5
+1
LSB
Guaranteed monotonic
Zero Code Voltage
0.5
1
V
Output Offset Error
–1
+1
V
Offset Drift
0.5
mV/°C
Voltage Gain
49
50
51
V/V
Gain Temperature Coefficient
5
ppm/°C
Due to DAC
–200
ppm/°C
Due to DAC and amplifier
Channel-to-Channel Gain Match4
–5
+5
%
OUTPUT CHARACTERISTICS
Output Voltage Range3
1
VPP − 1
V
Output Impedance
50
Ω
Resistive Load4, 5
1
MΩ
Capacitive Load4
200
pF
Short-Circuit Current
0.55
mA
DC Crosstalk4
3
4
LSB
DC Power Supply Rejection (PSRR), VPP
70
dB
Long-Term Drift
0.25
LSB
Outputs at midscale,
measured over 30 days at 25°C
AC CHARACTERISTICS4
Settling Time
¼ to ¾ Scale Step
60
µs
No load
60
µs
200 pF load
1 LSB Step
5
µs
No load
5
µs
200 pF load
Slew Rate
10
V/µs
No load
3
V/µs
200 pF load
–3 dB Bandwidth
30
kHz
Output Noise Spectral Density
4.5
µV/√Hz
Measured at 10 kHz
0.1 Hz to 10 Hz Output Noise Voltage
1
mV p-p
Digital-to-Analog Glitch Impulse
1 LSB change around major
carry
Positive Transition
15
nV-sec
Negative Transition
8
nV-sec
Analog Crosstalk
2.5
µV-sec
Digital Feedthrough
2
nV-sec
VOLTAGE REFERENCE, REF_IN6
AVCC and V+ must exceed REF_IN
by 1.15 V minimum
Input Voltage Range4
1
4.096
V
Input Impedance
60
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com