Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5535BKBCZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD5535BKBCZ
Description  32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5535BKBCZ Datasheet(HTML) 2 Page - Analog Devices

  AD5535BKBCZ Datasheet HTML 1Page - Analog Devices AD5535BKBCZ Datasheet HTML 2Page - Analog Devices AD5535BKBCZ Datasheet HTML 3Page - Analog Devices AD5535BKBCZ Datasheet HTML 4Page - Analog Devices AD5535BKBCZ Datasheet HTML 5Page - Analog Devices AD5535BKBCZ Datasheet HTML 6Page - Analog Devices AD5535BKBCZ Datasheet HTML 7Page - Analog Devices AD5535BKBCZ Datasheet HTML 8Page - Analog Devices AD5535BKBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD5535B
Data Sheet
Rev. A | Page 2 of 16
TABLE OF CONTENTS
Features ......................................................................................1
Applications...............................................................................1
General Description .................................................................1
Functional Block Diagram ......................................................1
Revision History .......................................................................2
Specifications.............................................................................3
Timing Characteristics ........................................................5
Absolute Maximum Ratings....................................................6
ESD Caution..........................................................................6
Pin Configuration and Function Descriptions.....................7
Typical Performance Characteristics .....................................9
Terminology ............................................................................11
Functional Description..........................................................12
DAC Section........................................................................12
Reset Function ....................................................................12
Serial Interface ....................................................................12
Microprocessor Interfacing...............................................12
Applications.............................................................................14
MEMS Mirror Control Application .................................14
IPC-2221-Compliant Board Layout.................................14
Power Supply Decoupling Recommendations.....................15
Guidelines for Printed Circuit Board Layout......................15
Outline Dimensions ...............................................................16
Ordering Guide...................................................................16
REVISION HISTORY
4/13—Rev. 0 to Rev. A
Change to General Description Section .........................................1
Changes to DAC Section ................................................................12
Changes to MEMS Mirror Control Application Section ...........14
1/13—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com