Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5535BKBCZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD5535BKBCZ
Description  32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5535BKBCZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5535BKBCZ Datasheet HTML 3Page - Analog Devices AD5535BKBCZ Datasheet HTML 4Page - Analog Devices AD5535BKBCZ Datasheet HTML 5Page - Analog Devices AD5535BKBCZ Datasheet HTML 6Page - Analog Devices AD5535BKBCZ Datasheet HTML 7Page - Analog Devices AD5535BKBCZ Datasheet HTML 8Page - Analog Devices AD5535BKBCZ Datasheet HTML 9Page - Analog Devices AD5535BKBCZ Datasheet HTML 10Page - Analog Devices AD5535BKBCZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
AD5535B
Rev. A | Page 7 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration
Table 4. Pin Assignments
Pin No.
Mnemonic
A1
NC
A2
VOUT1
A4
VOUT7
A6
VOUT11
A8
VOUT16
A10
VOUT20
A12
VOUT25
A14
NC
B1
VOUT0
B3
VOUT4
B5
VOUT9
B7
VOUT13
B9
VOUT17
B11
VOUT21
B13
VOUT26
C2
VOUT3
C12
VOUT22
C14
VOUT29
D1
VOUT2
D13
VOUT23
E2
VOUT5
E4
VOUT8
E6
VOUT12
E8
VOUT15
E10
VOUT19
E12
VOUT24
E14
VOUT31
F3
VOUT6
F5
VOUT10
F7
VOUT14
F9
VOUT18
F13
VOUT30
G14
VOUT28
Pin No.
Mnemonic
H1
VPP
H2
VPP
H4 to H11
AGND
H13
VOUT27
J3 to J12
AGND
K1
V+
K2
V+
K3 to K14
AGND
L1
NC
L2
NC
L3 to L13
AGND
L14
DAC_GND
M1 to M12
AGND
M13
AVCC
M14
AVCC
N1
PGND
N2
PGND
N3
CATHODE
N4
ANODE
N5 to N14
AGND
P1
NC
P2
REF_IN
P3
DAC_GND
P4
RESET
P5
DVCC
P6
DGND
P7
TEST
P8
DIN
P9
SCLK
P10
SYNC
P11 to P13
AGND
P14
NC
A
B
C
D
E
F
G
J
H
K
L
M
N
P
10
8
7
6
3
2
1
9
5
4
11 12 13 14
10
8
7
6
3
2
1
9
5
4
11 12 13 14
A
B
C
D
E
F
G
J
H
K
L
M
N
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com